Electronic Components Datasheet Search
  English  ▼

X  

ISO224 Datasheet(PDF) 17 Page - Texas Instruments

Part # ISO224
Description  ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO224 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO224 Datasheet HTML 13Page - Texas Instruments ISO224 Datasheet HTML 14Page - Texas Instruments ISO224 Datasheet HTML 15Page - Texas Instruments ISO224 Datasheet HTML 16Page - Texas Instruments ISO224 Datasheet HTML 17Page - Texas Instruments ISO224 Datasheet HTML 18Page - Texas Instruments ISO224 Datasheet HTML 19Page - Texas Instruments ISO224 Datasheet HTML 20Page - Texas Instruments ISO224 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
TX
Reinforced
Isolation
Barrier
Bandgap
Reference
OUTP
OUTN
GND1
IN
VCAP
VDD1
ISO224
RX
Data
CLK
VDD2
GND2
VDD1
Detection
Voltage Regulator
(LDO)
Clamp
û
Modulator
Bandgap
Reference
RX
TX
Oscillator
17
ISO224
www.ti.com
SBAS738A – JUNE 2018 – REVISED OCTOBER 2018
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The ISO224 is a precision, isolated amplifier with a high input impedance and wide input voltage range suitable
for wide range of industrial applications. The input stage of the device drives a delta-sigma (ΔΣ) modulator. The
modulator uses the internal voltage reference and clock generator to convert the analog input signal to a digital
bitstream. The drivers (called TX in the Functional Block Diagram section) transfer the output of the modulator
across the isolation barrier that separates the high-side and low-side voltage domains. The received bitstream
and clock are synchronized and processed by a digital-to-analog conversion stage on the low-side and presented
as a differential analog output.
The SiO2-based, double-capacitive isolation barrier supports a high level of magnetic field immunity, as described
in ISO72x Digital Isolator Magnetic-Field Immunity. The digital modulation used in the ISO224 and the isolation
barrier characteristics result in high reliability and high common-mode transient immunity.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com