Electronic Components Datasheet Search
  English  ▼

X  

ISO224 Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO224
Description  ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO224 Datasheet(HTML) 4 Page - Texas Instruments

  ISO224 Datasheet HTML 1Page - Texas Instruments ISO224 Datasheet HTML 2Page - Texas Instruments ISO224 Datasheet HTML 3Page - Texas Instruments ISO224 Datasheet HTML 4Page - Texas Instruments ISO224 Datasheet HTML 5Page - Texas Instruments ISO224 Datasheet HTML 6Page - Texas Instruments ISO224 Datasheet HTML 7Page - Texas Instruments ISO224 Datasheet HTML 8Page - Texas Instruments ISO224 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
ISO224
SBAS738A – JUNE 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Exposure to absolute-maximum-rated condition for extended periods may increase input leakage current.
(3)
Limit the input current at IN pin to prevent permanent damage to the device. The IN pin is internally protected by a voltage clamp. See
Figure 42 for a typical current versus voltage characteristic curve of the input clamp.
7 Specifications
7.1 Absolute Maximum Ratings
see
(1)
MIN
MAX
UNIT
Power-supply voltage
VDD1 to GND1
–0.3
26
V
VDD2 to GND2
–0.3
6.5
Input voltage
IN to GND1(2)
–15
15
V
Input current
Continuous, at IN pin(3)
–10
10
mA
Output voltage
OUTP, OUTN
GND2 – 0.3
VDD2 + 0.3
V
Temperature
Junction, TJ
150
°C
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM),
per ANSI/ESDA/JEDEC JS-001(1)
IN pin only
±9000
V
All pins except IN
±3000
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
See the Analog Input section for more details.
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
High-side power supply
VDD1 to GND1
4.5
5
18
V
Low-side power supply
VDD2 to GND2
4.5
5
5.5
V
ANALOG INPUT
VClipping Input voltage before clipping output
(1)
IN to GND1
±13.8
V
VFSR
Specified linear input full-scale voltage(1)
IN to GND1
–12
12
V
TEMPERATURE RANGE
TA
Specified ambient temperature
–55
25
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com