Electronic Components Datasheet Search
  English  ▼

X  

ISO224 Datasheet(PDF) 35 Page - Texas Instruments

Part # ISO224
Description  ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO224 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ISO224 Datasheet HTML 29Page - Texas Instruments ISO224 Datasheet HTML 30Page - Texas Instruments ISO224 Datasheet HTML 31Page - Texas Instruments ISO224 Datasheet HTML 32Page - Texas Instruments ISO224 Datasheet HTML 33Page - Texas Instruments ISO224 Datasheet HTML 34Page - Texas Instruments ISO224 Datasheet HTML 35Page - Texas Instruments ISO224 Datasheet HTML 36Page - Texas Instruments ISO224 Datasheet HTML 37Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(10.9)
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
8X (1.8)
8X (0.6)
6X (1.27)
4218796/A 09/2013
SOIC - 2.8 mm max height
DWV0008A
SOIC
SYMM
SYMM
SEE DETAILS
LAND PATTERN EXAMPLE
9.1 mm NOMINAL CLEARANCE/CREEPAGE
SCALE:6X
NOTES: (continued)
5. Publication IPC-7351 may have alternate designs.
6. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
OPENING
SOLDER MASK
METAL
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com