Electronic Components Datasheet Search
  English  ▼

X  

ISO224 Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO224
Description  ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO224 Datasheet(HTML) 3 Page - Texas Instruments

  ISO224 Datasheet HTML 1Page - Texas Instruments ISO224 Datasheet HTML 2Page - Texas Instruments ISO224 Datasheet HTML 3Page - Texas Instruments ISO224 Datasheet HTML 4Page - Texas Instruments ISO224 Datasheet HTML 5Page - Texas Instruments ISO224 Datasheet HTML 6Page - Texas Instruments ISO224 Datasheet HTML 7Page - Texas Instruments ISO224 Datasheet HTML 8Page - Texas Instruments ISO224 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
1
VCAP
8
VDD2
2
IN
7
OUTP
3
VDD1
6
OUTN
4
GND1
5
GND2
Not to scale
3
ISO224
www.ti.com
SBAS738A – JUNE 2018 – REVISED OCTOBER 2018
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Device Comparison Table
PARAMETER
ISO224B
ISO224A
Input offset voltage, VOS
±5 mV (max)
±50 mV (max)
Input offset drift, TCVOS
±15 µV/°C (max)
±60 µV/°C (max)
Input-referred noise
3 µV/
√Hz (typ)
4 µV/
√Hz (typ)
Gain error, EG
±0.3% (max)
±1% (max)
Gain error drift, TCEG
±35 ppm/°C (max)
±60 ppm/°C (max)
Nonlinearity
±0.01% (max)
±0.02% (max)
Output bandwidth, BW
275 kHz (typ)
185 kHz (typ)
Common-mode transient immunity, CMTI
80 kV/µs (typ)
30 kV/µs (typ)
IN to OUTP, OUTN signal delay (50% – 50%)
2.2 µs (typ)
2.8 µs (typ)
6 Pin Configuration and Functions
DWV Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
VCAP
—
Supply decoupling capacitor.
Connect a 0.22-µF capacitor between this pin and the high-side analog ground.
2
IN
I
Analog input
3
VDD1
—
High-side power supply, 4.5 V to 18 V.
See the Power Supply Recommendations section for decoupling recommendations.
4
GND1
—
High-side analog ground
5
GND2
—
Low-side analog ground
6
OUTN
O
Inverting analog output
7
OUTP
O
Noninverting analog output
8
VDD2
—
Low-side power supply, 4.5 V to 5.5 V.
See the Power Supply Recommendations section for decoupling recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com