Electronic Components Datasheet Search
  English  ▼

X  

ISO224 Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO224
Description  ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO224 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO224 Datasheet HTML 6Page - Texas Instruments ISO224 Datasheet HTML 7Page - Texas Instruments ISO224 Datasheet HTML 8Page - Texas Instruments ISO224 Datasheet HTML 9Page - Texas Instruments ISO224 Datasheet HTML 10Page - Texas Instruments ISO224 Datasheet HTML 11Page - Texas Instruments ISO224 Datasheet HTML 12Page - Texas Instruments ISO224 Datasheet HTML 13Page - Texas Instruments ISO224 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Stress Voltage (VRMS)
500
1500 2500 3500 4500 5500 6500 7500 8500 9500
1.E+1
1.E+2
1.E+3
1.E+4
1.E+5
1.E+6
1.E+7
1.E+8
1.E+9
1.E+10
1.E+11
Safety Margin Zone: 1800 VRMS, 254 Years
Operating Zone: 1500 VRMS, 135 Years
20%
87.5%
TDDB Line (<1 PPM Fail Rate)
TA (°C)
0
25
50
75
100
125
150
0
25
50
75
100
125
150
175
200
225
250
D001
VDD1 = VDD2 = 5.5 V
VDD1 = 18 V, VDD2 = 5.5 V
TA (°C)
0
25
50
75
100
125
150
0
200
400
600
800
1000
1200
1400
1600
D002
10
ISO224
SBAS738A – JUNE 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.11 Insulation Characteristics Curves
Figure 2. Thermal Derating Curve for Safety-Limiting
Current per VDE
Figure 3. Thermal Derating Curve for Safety-Limiting
Power per VDE
TA up to 150°C, stress-voltage frequency = 60 Hz,
isolation working voltage = 1500 VRMS, operating lifetime = 135 years
Figure 4. Reinforced Isolation Capacitor Lifetime Projection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com