Electronic Components Datasheet Search
  English  ▼

X  

ISO224 Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO224
Description  ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO224 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO224 Datasheet HTML 4Page - Texas Instruments ISO224 Datasheet HTML 5Page - Texas Instruments ISO224 Datasheet HTML 6Page - Texas Instruments ISO224 Datasheet HTML 7Page - Texas Instruments ISO224 Datasheet HTML 8Page - Texas Instruments ISO224 Datasheet HTML 9Page - Texas Instruments ISO224 Datasheet HTML 10Page - Texas Instruments ISO224 Datasheet HTML 11Page - Texas Instruments ISO224 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8
ISO224
SBAS738A – JUNE 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
minimum and maximum specifications apply from TA = –55°C to +125°C, VDD1 = 4.5 V to 18 V, VDD2 = 4.5 V to 5.5 V, VIN =
–12 V to 12 V, and RLOAD = 10 kΩ; typical specifications are at TA = 25°C, and VDD1 = VDD2 = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
This parameter is output referred.
(3)
Use series resistor to decouple higher capacilive load.
ANALOG OUTPUTS
Nominal gain
(VOUTP – VOUTN) / VIN
1/3
V/V
EG
Gain error(1)
Initial, at TA = 25°C, ISO224B
–0.3%
±0.05%
0.3%
Initial, at TA = 25°C, ISO224A
–1%
0.4%
1%
TCEG
Gain error drift(1)
ISO224B
–35
±10
35
ppm/°C
ISO224A
–60
±20
60
Nonlinearity
ISO224B
–0.01%
±0.003%
0.01%
ISO224A
–0.02%
±0.003%
0.02%
Nonlinearity drift
±0.1
ppm/°C
THD
Total harmonic distortion
fIN = 10 kHz
–84
dB
Output noise
IN = GND1, fIN = 0 Hz, BW = 10 kHz
300
µVRMS
IN = GND1, fIN = 0 Hz, BW = 100 kHz
360
PSRR
Power-supply rejection
ratio(2)
vs VDD1, at DC
–107
dB
vs VDD1, 100-mV and 10-kHz ripple
–101
vs VDD2, at DC
–71
vs VDD2, 100-mV and 10-kHz ripple
–56
VOUT
Output voltage
OUTP or OUTN to GND2
GND2 + 0.2
VDD2 – 0.2
V
VCMout
Common-mode output
voltage
(VOUTP + VOUTN) / 2
0.48 × VDD2
VDD2 / 2
0.52 × VDD2
V
VFAILSAFE Failsafe output voltage
VDD1 missing, OUTP and OUTN forced to
GND2
GND2 + 0.1
V
ISC
Output short-circuit
current
On OUTP or OUTN to GND2
±18
mA
Overload recovery time
5
µs
ROUT
Output resistance
On OUTP or OUTN to GND2
< 0.5
Ω
CLOAD
Capacitive load drive(3)
On OUTP or OUTN to GND2
100
pF
OUTP to OUTN
50
RLOAD
Resistive load
On OUTP or OUTN
10
kΩ
BW
Small signal output
bandwidth
ISO224B
220
275
kHz
ISO224A
150
185
CMTI
Common-mode transient
immunity
|GND1 – GND2| = 1 kV, ISO224B
55
80
kV/µs
|GND1 – GND2| = 1 kV, ISO224A
15
30
POWER SUPPLY
IDD1
High-side supply current
6.1
7.8
mA
IDD2
Low-side supply current
7.8
9.9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com