Electronic Components Datasheet Search
  English  ▼

X  

ISO224 Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO224
Description  ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO224 Datasheet(HTML) 1 Page - Texas Instruments

  ISO224 Datasheet HTML 1Page - Texas Instruments ISO224 Datasheet HTML 2Page - Texas Instruments ISO224 Datasheet HTML 3Page - Texas Instruments ISO224 Datasheet HTML 4Page - Texas Instruments ISO224 Datasheet HTML 5Page - Texas Instruments ISO224 Datasheet HTML 6Page - Texas Instruments ISO224 Datasheet HTML 7Page - Texas Instruments ISO224 Datasheet HTML 8Page - Texas Instruments ISO224 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
OUTP
OUTN
VDD2
GND2
GND1
VCAP
IN
VDD1
ISO224
Isolated
4.5 V to 18 V
4.5 V to 5.5 V
ADS7945
14-Bit ADC
Up to ±12 V
optional
optional
GND1
GND2
Clamp
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ISO224
SBAS738A – JUNE 2018 – REVISED OCTOBER 2018
ISO224 Reinforced Isolated Amplifier
With Single-Ended Input of ±12 V and Differential Output of ±4 V
1
1 Features
1
•
Offered in High-Grade (ISO224B) and Low-Grade
(ISO224A) Versions
•
±12-V Input Voltage Range Optimized for Isolated
Voltage Measurement in Industrial Applications
•
Overvoltage Input Clamp With 9-kV ESD
•
±4-V Differential Output Voltage Range With
Common-Mode at VDD2 / 2
•
Low DC-Error Operation (ISO224B):
–
Input Offset: ±5 mV at 25°C, ±15 µV/°C max
–
Gain Error: ±0.3% at 25°C, ±35 ppm/°C max
–
Nonlinearity: ±0.01% max, ±0.1 ppm/°C typ
•
4.5-V to 18-V Single-Supply on High-Side
•
4.5-V to 5.5-V Operation on Low-Side
•
Safety-Related Certifications:
–
7071-VPEAK Reinforced Isolation per DIN VDE
V 0884-11: 2017-01
–
5000-VRMS Isolation for 1 Minute per UL1577
•
High CMTI (ISO224B): 80 kV/µs (typ)
2 Applications
•
Isolated Analog Signal Acquisition in:
–
Grid Automation
–
Protection Relays
–
Factory Automation and Control
–
Rail Transport
–
Motor Drives
–
Power Analyzers
3 Description
The ISO224 is a precision isolated amplifier with an
output separated from the input circuitry by an
isolation barrier with high immunity to magnetic
interference. This barrier is certified to provide
reinforced galvanic isolation of up to 5 kVRMS with an
exceptionally long lifetime and low power dissipation.
When used with isolated power supplies, this device
separates parts of the system that operate on
different common-mode voltage levels and protects
lower-voltage devices from damage.
The input of the ISO224 is optimized for accurate
sensing of ±10-V signals that are widely used in
industrial applications. The device operates of a
single supply on the high-side. This unique feature
simplifies the design of the isolated power supply and
reduces the system cost. The integrated high-side
supply voltage detection feature simplifies system
level diagnostics. The ±4-V output of the ISO224
allows lower-cost analog-to-digital converters (ADCs)
to be used. The differential structure of the output
supports high immunity to noise.
The ISO224 is fully specified over the extended
industrial temperature range of –55°C to +125°C and
is available in a wide-body 8-pin SOIC (DWV)
package.
Device Information(1)
DEVICE NAME
PACKAGE
BODY SIZE
ISO224
SOIC (8)
5.85 mm × 7.5 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - ISO224

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO224 TI1-ISO224 Datasheet
568Kb / 25P
Reinforced Isolated Amplifier With Single-Ended Input of 짹12 V and Differential Output of 짹4 V
ISO224 TI2-ISO224 Datasheet
882Kb / 37P
ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
REVISED OCTOBER 2018
ISO224ADWV TI1-ISO224ADWV Datasheet
568Kb / 25P
Reinforced Isolated Amplifier With Single-Ended Input of 짹12 V and Differential Output of 짹4 V
ISO224ADWV TI2-ISO224ADWV Datasheet
882Kb / 37P
ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
REVISED OCTOBER 2018
ISO224ADWV.B TI2-ISO224ADWV.B Datasheet
882Kb / 37P
ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
REVISED OCTOBER 2018
More results

Similar Description - ISO224

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
Differential Input and Single-Ended Output
logo
Texas Instruments
AMC1302 TI1-AMC1302 Datasheet
643Kb / 24P
Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of 짹50 mV, and High Bandwidth of 300 kHz
ISO224 TI1-ISO224 Datasheet
568Kb / 25P
Reinforced Isolated Amplifier With Single-Ended Input of 짹12 V and Differential Output of 짹4 V
AMC1035 TI1-AMC1035 Datasheet
422Kb / 22P
Delta-Sigma Modulator With Bipolar Input of ,-1 V and Reference Output of 2.5 V
AMC1035 TI1-AMC1035_18 Datasheet
423Kb / 22P
Delta-Sigma Modulator With Bipolar Input of (,-)1 V and Reference Output of 2.5 V
AMC1035_1811 TI1-AMC1035_1811 Datasheet
1Mb / 33P
Delta-Sigma Modulator With Bipolar Input of (-)1 V and Reference Output of 2.5 V
AMC1035-Q1 TI1-AMC1035-Q1 Datasheet
763Kb / 32P
Delta-Sigma Modulator With a Bipolar Input of 짹1 V and Reference Output of 2.5 V
AMC1350 TI-AMC1350 Datasheet
1Mb / 28P
AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
SBASAA6 ??AUGUST 2021
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350_V01 Datasheet
2Mb / 37P
AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com