Electronic Components Datasheet Search
  English  ▼

X  

ISO224 Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO224
Description  ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO224 Datasheet(HTML) 5 Page - Texas Instruments

  ISO224 Datasheet HTML 1Page - Texas Instruments ISO224 Datasheet HTML 2Page - Texas Instruments ISO224 Datasheet HTML 3Page - Texas Instruments ISO224 Datasheet HTML 4Page - Texas Instruments ISO224 Datasheet HTML 5Page - Texas Instruments ISO224 Datasheet HTML 6Page - Texas Instruments ISO224 Datasheet HTML 7Page - Texas Instruments ISO224 Datasheet HTML 8Page - Texas Instruments ISO224 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
ISO224
www.ti.com
SBAS738A – JUNE 2018 – REVISED OCTOBER 2018
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC (1)
ISO224x
UNIT
DWV (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
96.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
36.9
°C/W
RθJB
Junction-to-board thermal resistance
60.1
°C/W
ψJT
Junction-to-top characterization parameter
16.9
°C/W
ψJB
Junction-to-board characterization parameter
58.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
See the Electrical Characteristics table for maximum supply current specifications.
7.5 Power Ratings
(1)
PARAMETER
TEST CONDITIONS
VALUE
UNIT
PD
Maximum power dissipation (both sides)
VDD1 = 18 V, VDD2 = 5.5 V
194.9
mW
VDD1 = VDD2 = 5.5 V
97.4
PD1
Maximum power dissipation (high-side supply)
VDD1 = 18 V
140.4
mW
VDD1 = 5.5 V
42.9
PD2
Maximum power dissipation (low-side supply)
VDD2 = 5.5 V
54.5
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com