Electronic Components Datasheet Search
  English  ▼

X  

ISO6721 Datasheet(PDF) 15 Page - Texas Instruments

Part # ISO6721
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6721 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ISO6721 Datasheet HTML 11Page - Texas Instruments ISO6721 Datasheet HTML 12Page - Texas Instruments ISO6721 Datasheet HTML 13Page - Texas Instruments ISO6721 Datasheet HTML 14Page - Texas Instruments ISO6721 Datasheet HTML 15Page - Texas Instruments ISO6721 Datasheet HTML 16Page - Texas Instruments ISO6721 Datasheet HTML 17Page - Texas Instruments ISO6721 Datasheet HTML 18Page - Texas Instruments ISO6721 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
VCC1 = VCC2 = 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO6721RB
Supply current - DC signal
(2)
VI = VCCI (1) (ISO6721R); VI = 0 V (ISO6721R with F
suffix)
ICC1 , ICC2
2.1
3.3
mA
VI = 0 V (ISO6721R); VI = VCCI (ISO6721R with F
suffix)
ICC1 , ICC2
3.2
4.7
mA
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1, ICC2
2.7
4.0
mA
10 Mbps
ICC1, ICC2
3.1
4.5
mA
50 Mbps
ICC1, ICC2
5.0
6.7
mA
(1)
VCCI = Input-side VCC
(2)
Supply current valid for ENx = VCCx and ENx = 0V
(3)
Supply current valid for ENx = VCCx
www.ti.com
ISO6720, ISO6721, ISO6721R
SLLSFJ0F – JANUARY 2020 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com