Electronic Components Datasheet Search
  English  ▼

X  

ISO6721 Datasheet(PDF) 18 Page - Texas Instruments

Part # ISO6721
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6721 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO6721 Datasheet HTML 14Page - Texas Instruments ISO6721 Datasheet HTML 15Page - Texas Instruments ISO6721 Datasheet HTML 16Page - Texas Instruments ISO6721 Datasheet HTML 17Page - Texas Instruments ISO6721 Datasheet HTML 18Page - Texas Instruments ISO6721 Datasheet HTML 19Page - Texas Instruments ISO6721 Datasheet HTML 20Page - Texas Instruments ISO6721 Datasheet HTML 21Page - Texas Instruments ISO6721 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
6.15 Electrical Characteristics—1.8-V Supply
VCC1 = VCC2 = 1.8 V ± 5% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = -1mA ; See Figure 7-1
VCCO - 0.1
V
VOL
Low-level output voltage
IOL = 1mA ; See Figure 7-1
0.1
V
VIT+(IN)
Rising input switching threshold
0.7 x VCCI (1)
V
VIT-(IN)
Falling input switching threshold
0.3 x VCCI
V
VI(HYS)
Input threshold voltage hysteresis
0.1 x VCCI
V
IIH
High-level input current
VIH = VCCI (1) at INx
10
µA
IIL
Low-level input current
VIL = 0 V at INx
-10
µA
CMTI
Common mode transient immunity
VI = VCC or 0 V, VCM = 1200 V
100
150
kV/us
Ci
Input Capacitance(2)
VI = VCC/ 2 + 0.4×sin(2πft), f =
2 MHz, VCC = 1.8 V ; See Figure
7-3
2.8
pF
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC
(2)
Measured from input pin to same side ground.
6.16 Supply Current Characteristics—1.8-V Supply
VCC1 = VCC2 = 1.8 V ± 5% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO6720B
Supply current - DC
signal (2)
VI = VCCI (1) (ISO6720B), VI = 0 V (ISO6720B with F
suffix)
ICC1
0.8
1.5
mA
ICC2
1.2
2.1
VI = 0V (ISO6720B), VI = VCC1 (ISO6720B with F
suffix)
ICC1
2.8
4.3
ICC2
1.3
2.2
Supply current - AC
signal (3)
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
1.8
2.9
ICC2
1.3
2.2
10 Mbps
ICC1
1.8
2.9
ICC2
1.8
2.7
50 Mbps
ICC1
2
3.1
ICC2
3.8
4.9
ISO6721B
Supply current - DC
signal (2)
VI = VCCI (1) (ISO6721B); VI = 0 V (ISO6721B with F
suffix)
ICC1, ICC2
1.1
2
mA
VI = 0 V (ISO6721B); VI = VCCI (ISO6721B with F
suffix)
ICC1, ICC2
2.1
3.4
Supply current - AC
signal (3)
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1, ICC2
1.6
2.7
10 Mbps
ICC1, ICC2
1.9
3
50 Mbps
ICC1, ICC2
3
4.2
ISO6720, ISO6721, ISO6721R
SLLSFJ0F – JANUARY 2020 – REVISED FEBRUARY 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com