Electronic Components Datasheet Search
  English  ▼

X  

ISO6721 Datasheet(PDF) 29 Page - Texas Instruments

Part # ISO6721
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6721 Datasheet(HTML) 29 Page - Texas Instruments

Back Button ISO6721 Datasheet HTML 25Page - Texas Instruments ISO6721 Datasheet HTML 26Page - Texas Instruments ISO6721 Datasheet HTML 27Page - Texas Instruments ISO6721 Datasheet HTML 28Page - Texas Instruments ISO6721 Datasheet HTML 29Page - Texas Instruments ISO6721 Datasheet HTML 30Page - Texas Instruments ISO6721 Datasheet HTML 31Page - Texas Instruments ISO6721 Datasheet HTML 32Page - Texas Instruments ISO6721 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant the accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The ISO672xB devices are high-performance, dual-channel digital isolators. The devices use single-ended
CMOS-logic switching technology. The supply voltage range is from 1.71 V to 5.5 V for both supplies, VCC1
and VCC2. Since an isolation barrier separates the two sides, each side can be sourced independently with any
voltage within recommended operating conditions. As an example, it is possible to supply ISO672xB VCC1 with
3.3 V (which is within 1.71 V to 1.89 V and 2.25 V to 5 V) and VCC2 with 5 V (which is also within 1.71 V to
1.89 V and 2.25 V to 5 V). You can use the digital isolator as a logic-level translator in addition to providing
isolation. When designing with digital isolators, keep in mind that because of the single-ended design structure,
digital isolators do not conform to any specific interface standard and are only intended for isolating single-ended
CMOS or TTL digital signal lines. The isolator is typically placed between the data controller (that is, MCU or
FPGA), and a data converter or a line transceiver, regardless of the interface type or standard.
www.ti.com
ISO6720, ISO6721, ISO6721R
SLLSFJ0F – JANUARY 2020 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com