Electronic Components Datasheet Search
  English  ▼

X  

ISO6721 Datasheet(PDF) 32 Page - Texas Instruments

Part # ISO6721
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6721 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISO6721 Datasheet HTML 28Page - Texas Instruments ISO6721 Datasheet HTML 29Page - Texas Instruments ISO6721 Datasheet HTML 30Page - Texas Instruments ISO6721 Datasheet HTML 31Page - Texas Instruments ISO6721 Datasheet HTML 32Page - Texas Instruments ISO6721 Datasheet HTML 33Page - Texas Instruments ISO6721 Datasheet HTML 34Page - Texas Instruments ISO6721 Datasheet HTML 35Page - Texas Instruments ISO6721 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
9.2.3 Application Curve
The following typical eye diagrams of the ISO672xB family of devices indicate low jitter and wide open eye at the
maximum data rate of 50 Mbps.
Time = 5 ns / div
Figure 9-3. Eye Diagram at 50 Mbps PRBS 216 – 1,
5 V and 25°C
Time = 5 ns / div
Figure 9-4. Eye Diagram at 50 Mbps PRBS 216 – 1,
3.3 V and 25°C
Time = 5 ns / div
Figure 9-5. Eye Diagram at 50 Mbps PRBS 216 – 1,
2.5 V and 25°C
Time = 5 ns / div
Figure 9-6. Eye Diagram at 50 Mbps PRBS 216 – 1,
1.8 V and 25°C
9.3 Insulation Lifetime
Insulation lifetime projection data is collected by using industry-standard Time Dependent Dielectric Breakdown
(TDDB) test method. In this test, all pins on each side of the barrier are tied together creating a two-terminal
device and high voltage applied between the two sides; See Figure 9-7 for TDDB test setup. The insulation
breakdown data is collected at various high voltages switching at 60 Hz over temperature. For basic insulation,
VDE standard requires the use of TDDB projection line with failure rate of less than 1000 part per million (ppm).
For reinforced insulation, VDE standard requires the use of TDDB projection line with failure rate of less than 1
part per million (ppm).
Even though the expected minimum insulation lifetime is 20 years, at the specified working isolation voltage,
VDE basic and reinforced certifications require additional safety margin of 20% for working voltage. For basic
certification, device lifetime requires a safety margin of 20% translating to a minimum required insulation lifetime
of 24 years at a working voltage that is 20% higher than the specified value.
Figure 9-8 shows the intrinsic capability of the isolation barrier to withstand high voltage stress over its lifetime.
Based on the TDDB data, the intrinsic capability of the insulation is 450 VRMS with a lifetime of >100 years in
the 8D package . Other factors, such as package size, pollution degree, material group, etc. can further limit the
working voltage of the component. At the lower working voltages, the corresponding insulation lifetime is much
longer than 100 years in the 8-D package.
ISO6720, ISO6721, ISO6721R
SLLSFJ0F – JANUARY 2020 – REVISED FEBRUARY 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com