Electronic Components Datasheet Search
  English  ▼

X  

ISO6721 Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO6721
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6721 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO6721 Datasheet HTML 7Page - Texas Instruments ISO6721 Datasheet HTML 8Page - Texas Instruments ISO6721 Datasheet HTML 9Page - Texas Instruments ISO6721 Datasheet HTML 10Page - Texas Instruments ISO6721 Datasheet HTML 11Page - Texas Instruments ISO6721 Datasheet HTML 12Page - Texas Instruments ISO6721 Datasheet HTML 13Page - Texas Instruments ISO6721 Datasheet HTML 14Page - Texas Instruments ISO6721 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D-8 PACKAGE - ISO6721RB
IS
Safety input, output, or supply current (1)
RθJA = 98.5°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C
See Figure 6-3
230.7
mA
RθJA = 98.5°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C
See Figure 6-3
352.5
mA
RθJA = 98.5°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C
See Figure 6-3
461.5
mA
RθJA = 98.5°C/W, VI = 1.89 V, TJ = 150°C,
TA = 25°C
See Figure 6-3
671.4
mA
PS
Safety input, output, or total power (1)
RθJA = 98.5°C/W, TJ = 150°C, TA = 25°C
See Figure 6-4
1269
mW
TS
Maximum safety temperature (1)
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The
IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
www.ti.com
ISO6720, ISO6721, ISO6721R
SLLSFJ0F – JANUARY 2020 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com