Electronic Components Datasheet Search
  English  ▼

X  

ISO6721 Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO6721
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6721 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO6721 Datasheet HTML 6Page - Texas Instruments ISO6721 Datasheet HTML 7Page - Texas Instruments ISO6721 Datasheet HTML 8Page - Texas Instruments ISO6721 Datasheet HTML 9Page - Texas Instruments ISO6721 Datasheet HTML 10Page - Texas Instruments ISO6721 Datasheet HTML 11Page - Texas Instruments ISO6721 Datasheet HTML 12Page - Texas Instruments ISO6721 Datasheet HTML 13Page - Texas Instruments ISO6721 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
6.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Certified according to DIN
EN IEC 60747-17 (VDE
0884-17)
Certified according to IEC
62368-1, IEC 61010-1 and
IEC 60601
Certified according to
UL 1577 Component
Recognition Program
Certified according to GB
4943.1
Certified according to EN
61010-1 and EN 62368-1
Maximum transient
isolation voltage, 4242
VPK;
Maximum repetitive peak
isolation voltage, 637 VPK;
Maximum surge isolation
voltage, 6500 VPK
400 VRMS basic insulation
per CSA 62368-1 and
IEC 62368-1; 300 VRMS
basic insulation per CSA
61010-1 and IEC 61010-1
(pollution degree 2,
material group III)
1 MOPP (Means of
Patient Protection) per
CSA 60601-1 and IEC
60601-1, 250 VRMS (D-8)
max working voltage
Single protection,
3000 VRMS
Basic insulation, Altitude ≤
5000 m, Tropical Climate,
250 VRMS maximum
working voltage
3000 VRMS (D-8) Basic
insulation per EN 61010-1
up to working voltage of
300 VRMS (D-8)
3000 VRMS (D-8) basic
insulation per EN 62368-1
up to working voltage of
400 VRMS (D-8)
Certificate number:
40047657
Master contract number:
220991
File number: E181974
Certificate number:
CQC21001305151
Client ID number: 077311
6.8 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D-8 PACKAGE - ISO672xB
IS
Safety input, output, or supply current (1)
RθJA =104.6°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C
See Figure 6-1
217.2
mA
RθJA = 104.6°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C
See Figure 6-1
332
mA
RθJA = 104.6°C/W, VI = 2.75 V, TJ =
150°C, TA = 25°C
See Figure 6-1
434.5
mA
RθJA = 104.6°C/W, VI = 1.89 V, TJ =
150°C, TA = 25°C
See Figure 6-1
628.9
mA
PS
Safety input, output, or total power (1)
RθJA = 104.6°C/W, TJ = 150°C, TA = 25°C
See Figure 6-2
1195
mW
TS
Maximum safety temperature (1)
150
°C
ISO6720, ISO6721, ISO6721R
SLLSFJ0F – JANUARY 2020 – REVISED FEBRUARY 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com