Electronic Components Datasheet Search
  English  ▼

X  

ISO6721 Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO6721
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6721 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO6721 Datasheet HTML 3Page - Texas Instruments ISO6721 Datasheet HTML 4Page - Texas Instruments ISO6721 Datasheet HTML 5Page - Texas Instruments ISO6721 Datasheet HTML 6Page - Texas Instruments ISO6721 Datasheet HTML 7Page - Texas Instruments ISO6721 Datasheet HTML 8Page - Texas Instruments ISO6721 Datasheet HTML 9Page - Texas Instruments ISO6721 Datasheet HTML 10Page - Texas Instruments ISO6721 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
6.4 Thermal Information
THERMAL METRIC
(1)
ISO672xB
ISO6721RB
UNIT
D (SOIC)
D (SOIC)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
104.6
98.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
48.9
33.8
°C/W
RθJB
Junction-to-board thermal resistance
52.9
47
°C/W
ψJT
Junction-to-top characterization parameter
7.9
2.3
°C/W
ψJB
Junction-to-board characterization parameter
52.1
46.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO6720B
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL =
15 pF, Input a 25-MHz 50% duty cycle
square wave
72
mW
PD1
Maximum power dissipation (side-1)
20
mW
PD2
Maximum power dissipation (side-2)
52
mW
ISO6721B
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL =
15 pF, Input a 25-MHz 50% duty cycle
square wave
73
mW
PD1
Maximum power dissipation (side-1)
37
mW
PD2
Maximum power dissipation (side-2)
37
mW
ISO6721RB
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL =
15 pF, Input a 25-MHz 50% duty cycle
square wave
86
mW
PD1
Maximum power dissipation (side-1)
43
mW
PD2
Maximum power dissipation (side-2)
43
mW
www.ti.com
ISO6720, ISO6721, ISO6721R
SLLSFJ0F – JANUARY 2020 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com