Electronic Components Datasheet Search
  English  ▼

X  

ISO6721 Datasheet(PDF) 23 Page - Texas Instruments

Part # ISO6721
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6721 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ISO6721 Datasheet HTML 19Page - Texas Instruments ISO6721 Datasheet HTML 20Page - Texas Instruments ISO6721 Datasheet HTML 21Page - Texas Instruments ISO6721 Datasheet HTML 22Page - Texas Instruments ISO6721 Datasheet HTML 23Page - Texas Instruments ISO6721 Datasheet HTML 24Page - Texas Instruments ISO6721 Datasheet HTML 25Page - Texas Instruments ISO6721 Datasheet HTML 26Page - Texas Instruments ISO6721 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
6.22 Typical Characteristics
Data Rate (Mbps)
0
10
20
30
40
50
0
1.5
3
4.5
6
7.5
ICC1 at 1.8 V
ICC2 at 1.8 V
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
TA = 25°C
CL = 15 pF
Figure 6-5. ISO6720B Supply Current vs Data Rate
(With 15-pF Load)
Data Rate (Mbps)
0
10
20
30
40
50
1
1.5
2
2.5
3
3.5
4
ICC1 at 1.8 V
ICC2 at 1.8 V
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
TA = 25°C
CL = No Load
Figure 6-6. ISO6720B Supply Current vs Data Rate
(With No Load)
Data Rate (Mbps)
0
10
20
30
40
50
0.8
1.6
2.4
3.2
4
4.8
ICC1 at 1.8 V
ICC2 at 1.8 V
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
TA = 25°C
CL = 15 pF
Figure 6-7. ISO6721B Supply Current vs Data Rate
(With 15-pF Load)
Data Rate (Mbps)
0
10
20
30
40
50
1.5
1.8
2.1
2.4
2.7
3
ICC1 at 1.8 V
ICC2 at 1.8 V
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
TA = 25°C
CL = No Load
Figure 6-8. ISO6721B Supply Current vs Data Rate
(With No Load)
Data Rate (Mbps)
0
10
20
30
40
50
2
3
4
5
6
7
ICC1 at 1.8 V
ICC2 at 1.8 V
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
TA = 25°C
CL = 15 pF
Figure 6-9. ISO6721RB Supply Current vs Data
Rate (With 15-pF Load)
Data Rate (Mbps)
0
10
20
30
40
50
2
2.5
3
3.5
4
4.5
ICC1 at 1.8 V
ICC2 at 1.8 V
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
TA = 25°C
CL = No Load
Figure 6-10. ISO6721RB Supply Current vs Data
Rate (With No Load)
High-Level Output Current (mA)
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
VCC1 at 1.8 V
VCC2 at 2.5 V
VCC1 at 3.3 V
VCC2 at 5 V
TA = 25°C
Figure 6-11. High-Level Output Voltage vs High-
level Output Current
Low-Level Output Current (mA)
0
5
10
15
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VCC1 at 1.8 V
VCC2 at 2.5 V
VCC1 at 3.3 V
VCC2 at 5 V
TA = 25°C
Figure 6-12. Low-Level Output Voltage vs Low-
Level Output Current
www.ti.com
ISO6720, ISO6721, ISO6721R
SLLSFJ0F – JANUARY 2020 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com