Electronic Components Datasheet Search
  English  ▼

X  

ISO6721 Datasheet(PDF) 20 Page - Texas Instruments

Part # ISO6721
Description  ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6721 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO6721 Datasheet HTML 16Page - Texas Instruments ISO6721 Datasheet HTML 17Page - Texas Instruments ISO6721 Datasheet HTML 18Page - Texas Instruments ISO6721 Datasheet HTML 19Page - Texas Instruments ISO6721 Datasheet HTML 20Page - Texas Instruments ISO6721 Datasheet HTML 21Page - Texas Instruments ISO6721 Datasheet HTML 22Page - Texas Instruments ISO6721 Datasheet HTML 23Page - Texas Instruments ISO6721 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
6.17 Switching Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 7-1
11
18
ns
tP(dft)
Propagation delay drift
8
ps/
℃
tUI
Minimum pulse width
See Figure 7-1
20
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
See Figure 7-1
0.2
7
ns
tsk(o)
Channel-to-channel output skew time
(2)
Same direction channels
6
ns
tsk(p-p)
Part-to-part skew time (3)
6
ns
tr
Output signal rise time
See Figure 7-1
2.6
4.5
ns
tf
Output signal fall time
2.6
4.5
ns
tPU
Time from UVLO to valid output data
300
us
tDO
Default output delay time from input
power loss
Measured from the time VCC goes
below 1.2V. See Figure 7-2
0.1
0.3
us
tie
Time interval error
216 – 1 PRBS data at 50 Mbps
1
ns
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.18 Switching Characteristics—3.3-V Supply
VCC1 = VCC2 = 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 7-1
11
18
ns
tP(dft)
Propagation delay drift
9.2
ps/
℃
tUI
Minimum pulse width
See Figure 7-1
20
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
See Figure 7-1
0.5
7
ns
tsk(o)
Channel-to-channel output skew time
(2)
Same direction channels
6
ns
tsk(p-p)
Part-to-part skew time (3)
6
ns
tr
Output signal rise time
See Figure 7-1
1.6
3.2
ns
tf
Output signal fall time
1.6
3.2
ns
tPU
Time from UVLO to valid output data
300
us
tDO
Default output delay time from input
power loss
Measured from the time VCC goes
below 1.2V. See Figure 7-2
0.1
0.3
us
tie
Time interval error
216 – 1 PRBS data at 50 Mbps
1
ns
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
ISO6720, ISO6721, ISO6721R
SLLSFJ0F – JANUARY 2020 – REVISED FEBRUARY 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6720 ISO6721 ISO6721R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com