Electronic Components Datasheet Search
  English  ▼

X  

PCA9625 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCA9625
Description  16-bit Fm I2C-bus 100 mA 24 V LED driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9625 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCA9625 Datasheet HTML 18Page - NXP Semiconductors PCA9625 Datasheet HTML 19Page - NXP Semiconductors PCA9625 Datasheet HTML 20Page - NXP Semiconductors PCA9625 Datasheet HTML 21Page - NXP Semiconductors PCA9625 Datasheet HTML 22Page - NXP Semiconductors PCA9625 Datasheet HTML 23Page - NXP Semiconductors PCA9625 Datasheet HTML 24Page - NXP Semiconductors PCA9625 Datasheet HTML 25Page - NXP Semiconductors PCA9625 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
PCA9625_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2008
22 of 33
NXP Semiconductors
PCA9625
16-bit Fm+ I2C-bus 100 mA 24 V LED driver
11. Limiting values
[1]
The Vdrv(LED) must always be less than or equal to VDD(DRV)FET.
12. Thermal characteristics
Table 13.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.0
V
VI/O
voltage on an input/output pin
VSS − 0.5
5.5
V
Vdrv(LED)
LED driver voltage
[1] VSS − 0.5
24
V
VDD(DRV)FET
FET driver supply voltage
[1] VSS − 0.5
24
V
IO(LEDn)
output current on pin LEDn
-
100
mA
ISS
ground supply current
per VSS(DRV)FET pin
-
800
mA
Ptot
total power dissipation
Tamb =25 °C
-
1.8
W
Tamb =85 °C
-
0.72
W
P/ch
power dissipation per channel
Tamb =25 °C
-
100
mW
Tamb =85 °C
-
45
mW
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C
Table 14.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
SO32
55
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com