Electronic Components Datasheet Search
  English  ▼

X  

PCA9625 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9625
Description  16-bit Fm I2C-bus 100 mA 24 V LED driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9625 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9625 Datasheet HTML 5Page - NXP Semiconductors PCA9625 Datasheet HTML 6Page - NXP Semiconductors PCA9625 Datasheet HTML 7Page - NXP Semiconductors PCA9625 Datasheet HTML 8Page - NXP Semiconductors PCA9625 Datasheet HTML 9Page - NXP Semiconductors PCA9625 Datasheet HTML 10Page - NXP Semiconductors PCA9625 Datasheet HTML 11Page - NXP Semiconductors PCA9625 Datasheet HTML 12Page - NXP Semiconductors PCA9625 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
PCA9625_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2008
9 of 33
NXP Semiconductors
PCA9625
16-bit Fm+ I2C-bus 100 mA 24 V LED driver
AI[2:0] = 000 is used when the same register must be accessed several times during a
single I2C-bus communication, for example, changes the brightness of a single LED. Data
is overwritten each time the register is accessed during a write operation.
AI[2:0] = 100 is used when all the registers must be sequentially accessed, for example,
power-up programming.
AI[2:0] = 101 is used when the 16 LED drivers must be individually programmed with
different values during the same I2C-bus communication, for example, changing color
setting to another color setting.
AI[2:0] = 110 is used when the LED drivers must be globally programmed with different
settings during the same I2C-bus communication, for example, global brightness or
blinking change.
AI[2:0] = 111 is used when individual and global changes must be performed during the
same I2C-bus communication, for example, changing a color and global brightness at the
same time.
Only the 5 least significant bits D[4:0] are affected by the AI[2:0] bits.
When the Control register is written, the register entry point determined by D[4:0] is the
first register that will be addressed (read or write operation), and can be anywhere
between 0 0000 and 1 1011 (as defined in Table 4). When AI[2] = 1, the Auto-Increment
flag is set and the rollover value at which the register increment stops and goes to the next
one is determined by AI[2:0]. See Table 3 for rollover values. For example, if the Control
register = 1111 0100 (F4h), then the register addressing sequence will be (in hex):
14
→ … → 1B → 00 → … → 13 → 02 → … → 13 → 02 → … → 13 → 02 → … as long
as the master keeps sending or reading data.
7.3 Register definitions
Table 4.
Register summary[1][2]
Register number (hex) D4
D3
D2
D1
D0
Name
Type
Function
00
00000
MODE1
read/write
Mode register 1
01
00001
MODE2
read/write
Mode register 2
02
00010
PWM0
read/write
brightness control LED0
03
00011
PWM1
read/write
brightness control LED1
04
00100
PWM2
read/write
brightness control LED2
05
00101
PWM3
read/write
brightness control LED3
06
00110
PWM4
read/write
brightness control LED4
07
00111
PWM5
read/write
brightness control LED5
08
01000
PWM6
read/write
brightness control LED6
09
01001
PWM7
read/write
brightness control LED7
0A
01010
PWM8
read/write
brightness control LED8
0B
01011
PWM9
read/write
brightness control LED9
0C
01100
PWM10
read/write
brightness control LED10
0D
01101
PWM11
read/write
brightness control LED11
0E
01110
PWM12
read/write
brightness control LED12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com