Electronic Components Datasheet Search
  English  ▼

X  

PCA9625 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCA9625
Description  16-bit Fm I2C-bus 100 mA 24 V LED driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9625 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCA9625 Datasheet HTML 19Page - NXP Semiconductors PCA9625 Datasheet HTML 20Page - NXP Semiconductors PCA9625 Datasheet HTML 21Page - NXP Semiconductors PCA9625 Datasheet HTML 22Page - NXP Semiconductors PCA9625 Datasheet HTML 23Page - NXP Semiconductors PCA9625 Datasheet HTML 24Page - NXP Semiconductors PCA9625 Datasheet HTML 25Page - NXP Semiconductors PCA9625 Datasheet HTML 26Page - NXP Semiconductors PCA9625 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
PCA9625_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2008
23 of 33
NXP Semiconductors
PCA9625
16-bit Fm+ I2C-bus 100 mA 24 V LED driver
13. Static characteristics
Table 15.
Static characteristics
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD(DRV)FET
FET driver supply voltage
10
-
24
V
VDD
supply voltage
2.3
-
5.5
V
IDD
supply current
on pin VDD (pin 9);
operating mode; no load;
fSCL = 1 MHz
VDD = 2.3 V
-
2.5
10
mA
VDD = 3.3 V
-
2.5
10
mA
VDD = 5.5 V
-
2.5
10
mA
Istb
standby current
on pin VDD (pin 9);
no load; fSCL = 0 Hz;
I/O = inputs; VI =VDD
VDD = 2.3 V
-
1.3
5
µA
VDD = 3.3 V
-
1.4
6
µA
VDD = 5.5 V
-
1.5
7
µA
on pin VDD(DRV)FET (pin 24 and
pin 26)
VDD(DRV)FET = 18 V
-
400
1000
µA
VPOR
power-on reset voltage
no load; VI =VDD or VSS
[1] -
1.70
2.0
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
−0.5
-
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
IOL
LOW-level output current
VOL = 0.4 V; VDD = 2.3 V
20
-
-
mA
VOL = 0.4 V; VDD = 5.0 V
30
-
-
mA
IL
leakage current
VI =VDD or VSS
−1-
+1
µA
Ci
input capacitance
VI =VSS
-
6
10
pF
LED driver outputs
Vdrv(LED)
LED driver voltage
[2] 0
-
24
V
IOL
LOW-level output current
VOL = 0.5 V
[3] 100
-
-
mA
IOL(tot)
total LOW-level output current
VOL = 0.5 V
[3] 1600
-
-
mA
Ron
ON-state resistance
VDD(DRV)FET =10V;
VDD = 2.3 V
-2
5
Ω
Co
output capacitance
-
2.5
5
pF
OE input
VIL
LOW-level input voltage
−0.5
-
+0.8
V
VIH
HIGH-level input voltage
2
-
5.5
V
ILI
input leakage current
−1-
+1
µA
Ci
input capacitance
-
3.7
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com