Electronic Components Datasheet Search
  English  ▼

X  

PCA9625 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9625
Description  16-bit Fm I2C-bus 100 mA 24 V LED driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9625 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9625 Datasheet HTML 1Page - NXP Semiconductors PCA9625 Datasheet HTML 2Page - NXP Semiconductors PCA9625 Datasheet HTML 3Page - NXP Semiconductors PCA9625 Datasheet HTML 4Page - NXP Semiconductors PCA9625 Datasheet HTML 5Page - NXP Semiconductors PCA9625 Datasheet HTML 6Page - NXP Semiconductors PCA9625 Datasheet HTML 7Page - NXP Semiconductors PCA9625 Datasheet HTML 8Page - NXP Semiconductors PCA9625 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
PCA9625_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2008
3 of 33
NXP Semiconductors
PCA9625
16-bit Fm+ I2C-bus 100 mA 24 V LED driver
3.
Applications
I RGB or RGBA LED drivers
I LED status information
I LED displays
I LCD backlights
I Keypad backlights for cellular phones or handheld devices
4.
Ordering information
Table 1.
Ordering information
Type number
Topside mark
Package
Name
Description
Version
PCA9625D
PCA9625D
SO32
plastic small outline package; 32 leads; body width 7.5 mm
SOT287-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com