Electronic Components Datasheet Search
  English  ▼

X  

PCA9625 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCA9625
Description  16-bit Fm I2C-bus 100 mA 24 V LED driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9625 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCA9625 Datasheet HTML 25Page - NXP Semiconductors PCA9625 Datasheet HTML 26Page - NXP Semiconductors PCA9625 Datasheet HTML 27Page - NXP Semiconductors PCA9625 Datasheet HTML 28Page - NXP Semiconductors PCA9625 Datasheet HTML 29Page - NXP Semiconductors PCA9625 Datasheet HTML 30Page - NXP Semiconductors PCA9625 Datasheet HTML 31Page - NXP Semiconductors PCA9625 Datasheet HTML 32Page - NXP Semiconductors PCA9625 Datasheet HTML 33Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
PCA9625_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2008
30 of 33
NXP Semiconductors
PCA9625
16-bit Fm+ I2C-bus 100 mA 24 V LED driver
For further information on temperature profiles, refer to Application Note
AN10365
“Surface mount reflow soldering description”.
19. Abbreviations
MSL: Moisture Sensitivity Level
Fig 21. Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature
Table 19.
Abbreviations
Acronym
Description
CDM
Charged Device Model
DUT
Device Under Test
ESD
ElectroStatic Discharge
FET
Field-Effect Transistor
HBM
Human Body Model
I2C-bus
Inter-Integrated Circuit bus
LED
Light Emitting Diode
LSB
Least Significant Bit
MM
Machine Model
MSB
Most Significant Bit
NMOS
Negative-channel Metal Oxide Semiconductor
NPN
bipolar transistor with N-type emitter and collector and a P-type base
PCB
Printed-Circuit Board
PMOS
Positive-channel Metal Oxide Semiconductor
PNP
bipolar transistor with P-type emitter and collector and an N-type base
PWM
Pulse Width Modulation
RGB
Red/Green/Blue
RGBA
Red/Green/Blue/Amber
SMBus
System Management Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com