Electronic Components Datasheet Search
  English  ▼

X  

PCA9625 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9625
Description  16-bit Fm I2C-bus 100 mA 24 V LED driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9625 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9625 Datasheet HTML 1Page - NXP Semiconductors PCA9625 Datasheet HTML 2Page - NXP Semiconductors PCA9625 Datasheet HTML 3Page - NXP Semiconductors PCA9625 Datasheet HTML 4Page - NXP Semiconductors PCA9625 Datasheet HTML 5Page - NXP Semiconductors PCA9625 Datasheet HTML 6Page - NXP Semiconductors PCA9625 Datasheet HTML 7Page - NXP Semiconductors PCA9625 Datasheet HTML 8Page - NXP Semiconductors PCA9625 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
PCA9625_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2008
5 of 33
NXP Semiconductors
PCA9625
16-bit Fm+ I2C-bus 100 mA 24 V LED driver
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for SO32
PCA9625D
LED13
LED12
LED14
VSS(DRV)FET
LED15
LED11
OE
LED10
A5
LED9
A6
LED8
SCL
VDD(DRV)FET
SDA
VSS
VDD
VDD(DRV)FET
A0
LED7
A1
LED6
A2
LED5
A3
LED4
A4
VSS(DRV)FET
LED0
LED3
LED1
LED2
002aac787
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
17
20
19
22
21
24
23
26
25
32
31
30
29
28
27
Table 2.
Pin description for SO32
Symbol
Pin
Type
Description
LED13
1
O
LED driver 13
LED14
2
O
LED driver 14
LED15
3
O
LED driver 15
OE
4
I
active LOW output enable
A5
5
I
address input 5
A6
6
I
address input 6
SCL
7
I
serial clock line
SDA
8
I/O
serial data line
VDD
9
power supply
supply voltage
A0
10
I
address input 0
A1
11
I
address input 1
A2
12
I
address input 2
A3
13
I
address input 3
A4
14
I
address input 4
LED0
15
O
LED driver 0
LED1
16
O
LED driver 1
LED2
17
O
LED driver 2
LED3
18
O
LED driver 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com