Electronic Components Datasheet Search
  English  ▼

X  

PCA9625 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9625
Description  16-bit Fm I2C-bus 100 mA 24 V LED driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9625 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9625 Datasheet HTML 10Page - NXP Semiconductors PCA9625 Datasheet HTML 11Page - NXP Semiconductors PCA9625 Datasheet HTML 12Page - NXP Semiconductors PCA9625 Datasheet HTML 13Page - NXP Semiconductors PCA9625 Datasheet HTML 14Page - NXP Semiconductors PCA9625 Datasheet HTML 15Page - NXP Semiconductors PCA9625 Datasheet HTML 16Page - NXP Semiconductors PCA9625 Datasheet HTML 17Page - NXP Semiconductors PCA9625 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
PCA9625_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2008
14 of 33
NXP Semiconductors
PCA9625
16-bit Fm+ I2C-bus 100 mA 24 V LED driver
Once subaddresses have been programmed to their right values, SUBx bits need to be
set to logic 1 in order to have the device acknowledging these addresses (MODE1
register).
Only the 7 MSBs representing the I2C-bus subaddress are valid. The LSB in SUBADRx
register is a read-only bit (0).
When SUBx is set to logic 1, the corresponding I2C-bus subaddress can be used during
either an I2C-bus read or write sequence.
7.3.8 ALLCALLADR, LED All Call I2C-bus address
The LED All Call I2C-bus address allows all the PCA9625s on the bus to be programmed
at the same time (ALLCALL bit in register MODE1 must be equal to 1 (power-up default
state)). This address is programmable through the I2C-bus and can be used during either
an I2C-bus read or write sequence. The register address can also be programmed as a
Sub Call.
Only the 7 MSBs representing the All Call I2C-bus address are valid. The LSB in
ALLCALLADR register is a read-only bit (0).
If ALLCALL bit = 0, the device does not acknowledge the address programmed in register
ALLCALLADR.
7.4 Active LOW output enable input
The active LOW output enable (OE) pin, allows to enable or disable all the LED outputs at
the same time.
• When a LOW level is applied to OE pin, all the LED outputs are enabled.
• When a HIGH level is applied to OE pin, all the LED outputs are high-impedance.
The OE pin can be used as a synchronization signal to switch on/off several PCA9625
devices at the same time. This requires an external clock reference that provides blinking
period and the duty cycle.
The OE pin can also be used as an external dimming control signal. The frequency of the
external clock must be high enough not to be seen by the human eye, and the duty cycle
value determines the brightness of the LEDs.
Remark: Do not use OE as an external blinking control signal when internal global
blinking is selected (DMBLNK = 1, MODE2 register) since it will result in an undefined
blinking pattern. Do not use OE as an external dimming control signal when internal global
dimming is selected (DMBLNK = 0, MODE2 register) since it will result in an undefined
dimming pattern.
Table 12.
ALLCALLADR - LED All Call I2C-bus address register (address 1Bh) bit
description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
1Bh
ALLCALLADR
7:1
AC[7:1]
R/W
1110 000*
ALLCALL I2C-bus
address register
0
AC[0]
R only
0*
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com