Electronic Components Datasheet Search
  English  ▼

X  

LMH6521 Datasheet(PDF) 21 Page - Texas Instruments

Part # LMH6521
Description  LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6521 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH6521 Datasheet HTML 17Page - Texas Instruments LMH6521 Datasheet HTML 18Page - Texas Instruments LMH6521 Datasheet HTML 19Page - Texas Instruments LMH6521 Datasheet HTML 20Page - Texas Instruments LMH6521 Datasheet HTML 21Page - Texas Instruments LMH6521 Datasheet HTML 22Page - Texas Instruments LMH6521 Datasheet HTML 23Page - Texas Instruments LMH6521 Datasheet HTML 24Page - Texas Instruments LMH6521 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
21
LMH2832
www.ti.com
SBOS709A – JULY 2016 – REVISED JULY 2016
Product Folder Links: LMH2832
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.4 Device Functional Modes
9.4.1 Power-Down (PD)
The device supports power-down control using an external power-down (PDx) pin or by writing a logic high to bit
6 of SPI register 2h (see the Register Maps section). The external PDx pins are active high; when left floating,
the device defaults to an on condition resulting from the internal pulldown resistors that cause a logic low on the
PDx pins. The device PDx thresholds are noted in the Electrical Characteristics table. The device consumes
approximately 7 mA in power-down mode. Note that the SPI register contents are preserved in power-down
mode.
9.4.2 Gain Control
The LMH2832 gain can be controlled from 30-dB gain (0-dB attenuation) to –9-dB gain in 1-dB steps by digitally
programming the SPI register 2h; see the Register Maps section for more details.
9.5 Programming
9.5.1 Details of the Serial Interface
The LMH2832 has a set of internal registers that can be accessed by the serial interface formed by the CS
(serial interface enable), SCLK (serial interface clock), SDI (serial interface input data), and SDO (serial interface
read-back data) pins. Serially shifting bits into the device is enabled when CS is low. SDI serial data are latched
at every SCLK rising edge when CS is active (low). The serial data are loaded into the register at every 16th
SCLK rising edge when CS is low. When the word length exceeds a multiple of 16 bits, the excess bits are
ignored. Data can be loaded in multiples of 16-bit words within a single active CS pulse. The first eight bits form
the register address and the remaining eight bits are the register data. The interface can function with SCLK
frequencies from 25 MHz down to very low speeds (of a few hertz) and also with a non-50% SCLK duty cycle. A
summary of the LMH2832 SPI protocol is:
1. SPI-1.1 interface
2. Independent channel A, B attenuation programming (6-bit gain control)
3. SPI register contents are preserved in power-down mode
4. SPI-controlled power modes (3-bit control for eight options to step down the power)
5. Powered for the main 5-V power supply
6. 1.8-V logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com