Electronic Components Datasheet Search
  English  ▼

X  

LMH6521 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMH6521
Description  LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6521 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6521 Datasheet HTML 5Page - Texas Instruments LMH6521 Datasheet HTML 6Page - Texas Instruments LMH6521 Datasheet HTML 7Page - Texas Instruments LMH6521 Datasheet HTML 8Page - Texas Instruments LMH6521 Datasheet HTML 9Page - Texas Instruments LMH6521 Datasheet HTML 10Page - Texas Instruments LMH6521 Datasheet HTML 11Page - Texas Instruments LMH6521 Datasheet HTML 12Page - Texas Instruments LMH6521 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
Frequency (MHz)
0
50 100 150 200 250 300 350 400 450 500 550 600
25
30
35
40
45
50
55
60
D002
Av = 30 dB
Av = 22 dB
Av = 14 dB
Av = 6 dB
Av = 2 dB
Av = -2 dB
Frequency (MHz)
0
50 100 150 200 250 300 350 400 450 500 550 600
25
30
35
40
45
50
55
60
D004
-40'C
27'C
90'C
105'C
Frequency (MHz)
1
10
100
1000
3000
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
D008
Voltage Gain (dB)
-9
-6
-3
0
3
6
9
12
15
18
21
24
27
30
-0.1
-0.2
-0.05
-0.1
0
0
0.05
0.1
0.1
0.2
D034
Gain Matching Error (dB)
Phase Matching Error (°)
Frequency (MHz)
1
10
100
1000
8000
8000
-16
-12
-8
-4
0
4
8
12
16
20
24
28
32
D001
Temperature (°C)
-40
-20
0
20
40
60
80
100 110
28.8
29
29.2
29.4
29.6
29.8
30
30.2
30.4
30.6
30.8
31
D025
f = 50 MHz
f = 100 MHz
f = 200 MHz
f = 300 MHz
f = 400 MHz
f = 500 MHz
9
LMH2832
www.ti.com
SBOS709A – JULY 2016 – REVISED JULY 2016
Product Folder Links: LMH2832
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.7 Typical Characteristics
at TA = 25°C, VS+ = 5 V, Ri = 75 Ω, RL = 150 Ω, maximum gain (1:2-Ω ratio transformer plus 30-dB DVGA gain), f = 5 MHz to
300 MHz, VO converted to single-ended (SE) measurement with transformer, and default current setting (unless otherwise
noted); upon power-up, gain is set to mid-range
VO = 2 VPP
Figure 1. Voltage Gain vs Frequency (1-dB Gain Steps)
Figure 2. Gain Flatness vs Temperature
Differential input impedance (ZIN) = 150 Ω, all gain settings
Figure 3. Input Return Loss vs Frequency
f = 200 MHz
Figure 4. Channel-to-Channel Mismatch Error
POUT = 0 dBm per tone
Figure 5. OIP3 vs Frequency and Voltage Gain
POUT = 0 dBm per tone
Figure 6. OIP3 vs Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com