Electronic Components Datasheet Search
  English  ▼

X  

LMH6521 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH6521
Description  LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6521 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6521 Datasheet HTML 3Page - Texas Instruments LMH6521 Datasheet HTML 4Page - Texas Instruments LMH6521 Datasheet HTML 5Page - Texas Instruments LMH6521 Datasheet HTML 6Page - Texas Instruments LMH6521 Datasheet HTML 7Page - Texas Instruments LMH6521 Datasheet HTML 8Page - Texas Instruments LMH6521 Datasheet HTML 9Page - Texas Instruments LMH6521 Datasheet HTML 10Page - Texas Instruments LMH6521 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7
LMH2832
www.ti.com
SBOS709A – JULY 2016 – REVISED JULY 2016
Product Folder Links: LMH2832
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VS+ = 5 V, Ri = 75 Ω, RL = 150 Ω, maximum gain (1:2-Ω ratio transformer plus 30-dB DVGA gain), f = 5 MHz to
300 MHz, VO converted to single-ended (SE) measurement with a transformer, and default current setting (unless otherwise
noted); upon power-up, gain is set to mid-range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
(3)
PSRR is defined with respect to a differential output.
(4)
The device power-down function can be controlled by the PDx pins or by the power-down register accessible from the SPI interface.
ANALOG INPUT CHARACTERISTICS
zin
Input resistance
f = dc, differential
135
150
165
Ω
A
Cin
Input capacitance
Differential
0.6
pF
C
Single-ended input resistance
f = dc
67.5
75
82.5
Ω
A
Single-ended input
capacitance
1.2
pF
C
VICM
Input common-mode voltage
Internally biased to mid-supply
–0.2
0.2
V
A
VIL
Low-level input voltage range
Differential gain shift < 1 dB
(VS–) + 1.5
V
C
VIH
High-level input voltage range
Differential gain shift < 1 dB
(VS+) – 1.5
V
C
ANALOG OUTPUT CHARACTERISTICS
zo
Output resistance
Differential
20
Ω
C
VOL
Low-level output voltage
range
VS = 5 V, GND = 0 V
1.15
1.25
V
A
VOH
High-level output voltage
range
VS = 5 V, GND = 0 V
3.75
3.85
V
A
VOM
Maximum output voltage
swing
TA = 25°C
5
5.4
V
A
TA = –40°C to +85°C
5.4
6.4
B
CMRR
Common-mode rejection ratio
56
dB
C
POWER SUPPLY
VS
Supply voltage
4.75
5.0
5.25
V
A
IQ
Quiescent current per channel
Default current, default bias setting
102
105
108
mA
A
Min current, lowest power setting
90
C
Max current, highest bias setting
108
C
±PSRR
Power-supply rejection ratio(3)
Gain = 30 dB
–48
dB
C
POWER-DOWN(4)
Power-down quiescent current
(per channel)
TA = 25°C
2.5
6
mA
A
TA = –40°C to +85°C
6.5
B
Power-down bias current
–2
–1
µA
A
Turn-on time delay
Time to VO = 90% of final value,
gain = 0 dB, VI = 2 V
55
ns
C
Turn-off time delay
Time to VO = 10% of original value,
gain = 0 dB, VI = 2 V
110
ns
C
Forward isolation in PD mode
f = 300 MHz
–67
dB
C
DIGITAL INPUTS/OUTPUTS
VIH
High-level input voltage
1.4
2
V
A
VIL
Low-level input voltage
–0.3
0.8
V
A
VOH
High-level output voltage
IOH = –100 µA
1.65
V
A
IOH = –2 mA
1.55
A
VOL
Low-level output voltage
IOL = 100 µA
0.1
V
A
IOL = 2 mA
0.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com