Electronic Components Datasheet Search
  English  ▼

X  

LMH6521 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMH6521
Description  LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6521 Datasheet(HTML) 5 Page - Texas Instruments

  LMH6521 Datasheet HTML 1Page - Texas Instruments LMH6521 Datasheet HTML 2Page - Texas Instruments LMH6521 Datasheet HTML 3Page - Texas Instruments LMH6521 Datasheet HTML 4Page - Texas Instruments LMH6521 Datasheet HTML 5Page - Texas Instruments LMH6521 Datasheet HTML 6Page - Texas Instruments LMH6521 Datasheet HTML 7Page - Texas Instruments LMH6521 Datasheet HTML 8Page - Texas Instruments LMH6521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5
LMH2832
www.ti.com
SBOS709A – JULY 2016 – REVISED JULY 2016
Product Folder Links: LMH2832
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power supply
–0.5
5.5
V
Input applied to analog inputs
INPA, INMA, INPB, INMB
–0.5
5.5
V
Voltage applied to input pins
–0.5
5.5
V
Digital input/output voltage range
–0.3
2
V
Operating junction temperature, TJ
125
°C
Storage temperature, Tstg
–40
125
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Power-supply voltage
4.75
5
5.25
V
Specified operating temperature range
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
7.4 Thermal Information
THERMAL METRIC(1)
LMH2832
UNIT
RHA (VQFN)
40 PINS
RθJA
Junction-to-ambient thermal resistance
29.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
20.4
°C/W
RθJB
Junction-to-board thermal resistance
6.6
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
6.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.3
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com