Electronic Components Datasheet Search
  English  ▼

X  

LMH6521 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH6521
Description  LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6521 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6521 Datasheet HTML 7Page - Texas Instruments LMH6521 Datasheet HTML 8Page - Texas Instruments LMH6521 Datasheet HTML 9Page - Texas Instruments LMH6521 Datasheet HTML 10Page - Texas Instruments LMH6521 Datasheet HTML 11Page - Texas Instruments LMH6521 Datasheet HTML 12Page - Texas Instruments LMH6521 Datasheet HTML 13Page - Texas Instruments LMH6521 Datasheet HTML 14Page - Texas Instruments LMH6521 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D014
-40°C
25°C
90°C
105°C
Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D015
-40°C
25°C
90°C
105°C
Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D012
Gain = 30 dB
Gain = 22 dB
Gain = 14 dB
Gain = 6 dB
Gain = 2 dB
Gain = -2 dB
Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D013
Gain = 30 dB
Gain = 22 dB
Gain = 14 dB
Gain = 6 dB
Gain = 2 dB
Gain = -2 dB
Voltage Gain (dB)
-9
-6
-3
0
3
6
9
12
15
18
21
24
27
30
5
10
15
20
25
30
35
40
45
50
D011
f = 50 MHz
f = 100 MHz
f = 200 MHz
f = 300 MHz
Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
4
5
6
7
8
9
10
11
12
D022
25°C
11
LMH2832
www.ti.com
SBOS709A – JULY 2016 – REVISED JULY 2016
Product Folder Links: LMH2832
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS+ = 5 V, Ri = 75 Ω, RL = 150 Ω, maximum gain (1:2-Ω ratio transformer plus 30-dB DVGA gain), f = 5 MHz to
300 MHz, VO converted to single-ended (SE) measurement with transformer, and default current setting (unless otherwise
noted); upon power-up, gain is set to mid-range
ZIN = 150 Ω
Figure 13. Noise Figure vs Voltage Gain
Figure 14. Noise Figure vs Frequency
VO = 2 VPP
Figure 15. HD2 vs Frequency and Gain Settings
VO = 2 VPP
Figure 16. HD3 vs Frequency and Gain Settings
VO = 2 VPP
Figure 17. HD2 vs Frequency and Temperature
VO = 2 VPP
Figure 18. HD3 vs Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com