Electronic Components Datasheet Search
  English  ▼

X  

LMH6521 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMH6521
Description  LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6521 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH6521 Datasheet HTML 8Page - Texas Instruments LMH6521 Datasheet HTML 9Page - Texas Instruments LMH6521 Datasheet HTML 10Page - Texas Instruments LMH6521 Datasheet HTML 11Page - Texas Instruments LMH6521 Datasheet HTML 12Page - Texas Instruments LMH6521 Datasheet HTML 13Page - Texas Instruments LMH6521 Datasheet HTML 14Page - Texas Instruments LMH6521 Datasheet HTML 15Page - Texas Instruments LMH6521 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Differential Output Swing (VPP)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-100
-90
-80
-70
-60
-50
-40
D019
Gain = 30 dB
Gain = 22 dB
Gain = 14 dB
Gain = 6 dB
Gain = 2 dB
Differential Output Swing (VPP)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-100
-90
-80
-70
-60
-50
-40
-30
D020
Gain = 30 dB
Gain = 22 dB
Gain = 14 dB
Gain = 6 dB
Gain = 2 dB
Temperature (°C)
-40
-20
0
20
40
60
80
100 110
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
D017
VS = 4.5 V (HD2)
VS = 4.5 V (HD3)
VS = 5 V (HD2)
VS = 5 V (HD3)
VS = 5.25 V (HD2)
VS = 5.25 V (HD3)
Differential Output Swing (VPP)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-100
-90
-80
-70
-60
-50
-40
D018
Gain = 30 dB
Gain = 22 dB
Gain = 14 dB
Gain = 6 dB
Gain = 2 dB
Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D040
Channel A (HD2)
Channel A (HD3)
Channel B (HD2)
Channel B (HD3)
Temperature (°C)
-40
-20
0
20
40
60
80
100 110
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
D016
VS = 4.5 V (HD2)
VS = 4.5 V (HD3)
VS = 5 V (HD2)
VS = 5 V (HD3)
VS = 5.25 V (HD2)
VS = 5.25 V (HD3)
12
LMH2832
SBOS709A – JULY 2016 – REVISED JULY 2016
www.ti.com
Product Folder Links: LMH2832
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS+ = 5 V, Ri = 75 Ω, RL = 150 Ω, maximum gain (1:2-Ω ratio transformer plus 30-dB DVGA gain), f = 5 MHz to
300 MHz, VO converted to single-ended (SE) measurement with transformer, and default current setting (unless otherwise
noted); upon power-up, gain is set to mid-range
Figure 19. Harmonic Distortion Between Channels
VO = 2 VPP
Figure 20. Harmonic Distortion vs Temperature and
Supply Voltage (100 MHz)
VO = 2 VPP
Figure 21. Harmonic Distortion vs Temperature and
Supply Voltage (200 MHz)
Figure 22. HD2 vs Differential Output Swing (100 MHz)
Figure 23. HD3 vs Differential Output Swing (100 MHz)
Figure 24. HD2 vs Differential Output Swing (200 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com