Electronic Components Datasheet Search
  English  ▼

X  

LMH6521 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH6521
Description  LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6521 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6521 Datasheet HTML 4Page - Texas Instruments LMH6521 Datasheet HTML 5Page - Texas Instruments LMH6521 Datasheet HTML 6Page - Texas Instruments LMH6521 Datasheet HTML 7Page - Texas Instruments LMH6521 Datasheet HTML 8Page - Texas Instruments LMH6521 Datasheet HTML 9Page - Texas Instruments LMH6521 Datasheet HTML 10Page - Texas Instruments LMH6521 Datasheet HTML 11Page - Texas Instruments LMH6521 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
LMH2832
SBOS709A – JULY 2016 – REVISED JULY 2016
www.ti.com
Product Folder Links: LMH2832
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Tested on the automated test equipment (ATE) only up to 25 MHz.
(2)
Referenced to the negative edge of SCLK.
(3)
Referenced to the positive edge of SCLK.
7.6 Timing Requirements: SPI
MIN
TYP
MAX
UNIT
fS_C
SCLK frequency(1)
0
25
50
MHz
tPH
SCLK pulse duration, high
10
ns
tPL
SCLK pulse duration, low
10
ns
tSU
SDI setup
3
ns
tH
SDO hold
3
ns
tIZ
SDO tri-state
3
ns
tODZ
SDO driven to tri-state(2)
0
10
20
ns
tOZD
SDO tri-state to driven
0
2
5
ns
tOD
SDO output delay(2)
0
10
12
ns
tCSS
CS setup(3)
3
5
ns
tCSH
CS hold
3
ns
tIAG
Inter-access gap
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com