Electronic Components Datasheet Search
  English  ▼

X  

LMH6521 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH6521
Description  LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6521 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6521 Datasheet HTML 2Page - Texas Instruments LMH6521 Datasheet HTML 3Page - Texas Instruments LMH6521 Datasheet HTML 4Page - Texas Instruments LMH6521 Datasheet HTML 5Page - Texas Instruments LMH6521 Datasheet HTML 6Page - Texas Instruments LMH6521 Datasheet HTML 7Page - Texas Instruments LMH6521 Datasheet HTML 8Page - Texas Instruments LMH6521 Datasheet HTML 9Page - Texas Instruments LMH6521 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6
LMH2832
SBOS709A – JULY 2016 – REVISED JULY 2016
www.ti.com
Product Folder Links: LMH2832
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Test levels: (A) 100% tested at 25°C. Overtemperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(2)
POUT is the signal tone power at the output of the device.
7.5 Electrical Characteristics
at TA = 25°C, VS+ = 5 V, Ri = 75 Ω, RL = 150 Ω, maximum gain (1:2-Ω ratio transformer plus 30-dB DVGA gain), f = 5 MHz to
300 MHz, VO converted to single-ended (SE) measurement with a transformer, and default current setting (unless otherwise
noted); upon power-up, gain is set to mid-range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
AC PERFORMANCE
LSBW
Large-signal,
–3-dB bandwidth
G = 30 dB, VO = 2 VPP
1140
MHz
C
G = 0 dB, VO = 2 VPP
2350
C
BW
Bandwidth for 0.1-dB flatness
300
MHz
C
HD2
Second-order harmonic
distortion
f = 100 MHz, VO = 2 VPP
–88
dBc
C
f = 200 MHz, VO = 2 VPP
–76
C
f = 300 MHz, VO = 2 VPP
–63
C
f = 450 MHz, VO = 2 VPP
–58
C
HD3
Third-order harmonic
distortion
f = 100 MHz, VO = 2 VPP
–94
dBc
C
f = 200 MHz, VO = 2 VPP
–90
C
f = 300 MHz, VO = 2 VPP
–81
C
f = 450 MHz, VO = 2 VPP
–75
C
IMD3
Third-order intermodulation
distortion
f = 100 MHz, tone spacing = 2 MHz,
POUT
(2) = 0 dBm per tone
–106
dBc
C
f = 200 MHz, tone spacing = 2 MHz
–102
C
f = 300 MHz, tone spacing = 2 MHz
–86
C
OIP3
Output third-order intercept
point
f = 100 MHz, tone spacing = 2 MHz,
POUT = 0 dBm per tone
53
dBm
C
f = 200 MHz, tone spacing = 2 MHz,
POUT = 0 dBm per tone
51
C
f = 300 MHz, tone spacing = 2 MHz,
POUT = 0 dBm per tone
43
C
P1dB
1-dB compression point
f = 100 MHz, RL = 150 Ω
16
dBm
C
f = 200 MHz, RL = 150 Ω
16
C
f = 300 MHz, RL = 150 Ω
16.5
C
NF
Noise figure
Ri = 150 Ω, f = 300 MHz, max gain
6.5
dB
C
Output-referred voltage noise
f = 300 MHz, max gain
47.7
nV/
√Hz
C
S11
Input return loss
f = 300 MHz
17
dB
C
S22
Reverse Isolation
Including input transformer, f < 300 MHz
53
dB
C
Channel-to-channel crosstalk
f = 300 MHz, channel A to B
–77
dB
C
f = 300 MHz, channel B to A
–81
Channel-to-channel phase
matching
f = 200 MHz
±0.1
°
C
Channel-to-channel gain
matching
f = 200 MHz
±0.05
dB
C
GAIN PARAMETERS
Maximum voltage gain
f = dc, gain code = 00h
29.5
30
30.5
dB
A
Minimum voltage gain
f = dc, gain code = 27h
–9.5
–9
–8.5
dB
A
Gain range
39
dB
C
Gain step size
Between any two adjacent gain settings
0.75
1
1.25
dB
A
EG
Gain error
For any gain value
–0.5
0
0.5
dB
A
Cumulative gain error
Referenced to max gain
–1
1
dB
A
Gain step transition time
6
ns
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com