Electronic Components Datasheet Search
  English  ▼

X  

LMH6521 Datasheet(PDF) 32 Page - Texas Instruments

Part # LMH6521
Description  LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6521 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LMH6521 Datasheet HTML 28Page - Texas Instruments LMH6521 Datasheet HTML 29Page - Texas Instruments LMH6521 Datasheet HTML 30Page - Texas Instruments LMH6521 Datasheet HTML 31Page - Texas Instruments LMH6521 Datasheet HTML 32Page - Texas Instruments LMH6521 Datasheet HTML 33Page - Texas Instruments LMH6521 Datasheet HTML 34Page - Texas Instruments LMH6521 Datasheet HTML 35Page - Texas Instruments LMH6521 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
10
10
½ LMH2832
INPx
INMx
OUTPx
OUTMx
64.9
64.9
SPI
VS+ = 5V
GND
0.1 µF
0.1 µF
0.1 µF
0.1 µF
1:2
O
OUT_AMP
+
-
½ ADS54J40
5.5 pF
5.5 pF
24 nH
24 nH
82 nH
82 nH
24 nH
24 nH
100
100
VOCM
5.1
5.1
ZS = 75-
Ÿ
Copyright © 2016, Texas Instruments Incorporated
32
LMH2832
SBOS709A – JULY 2016 – REVISED JULY 2016
www.ti.com
Product Folder Links: LMH2832
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Application Information (continued)
10.1.1.4 ADC Input Common-Mode Voltage Considerations (DC-Coupled Input)
The LMH2832 is designed to primarily be used in ac-coupled applications only. However, the LMH2832 can be
dc-coupled if certain strict conditions are met. The LMH2832 has an internal common-mode bias equal to the
mid-supply voltage, so any dc coupling on the input or output must have a common-mode voltage that is also set
to mid-supply. To dc couple to an ADC input, the mid-supply voltage of the LMH2832 must be centered around
the ADC input common-mode. This common-mode matching can be accomplished by shifting the supplies to
center the mid-supply voltage around the ADC input common-mode voltage. However, shifting the supplies also
changes the ground reference for the digital inputs, which then likely requires a voltage-shifted interface as well.
The LMH2832 is not recommended to be operated as dc-coupled unless absolutely necessary.
10.2 Typical Applications
10.2.1 DOCSIS 3.X Driver
The LMH2832 is designed to perform best when driving differential input ADCs in high-speed applications.
Figure 61 shows an example diagram of the LMH2832 driving an ADC with a fifth-order, low-pass filter for a 75-Ω
impedance, data over cable service interface specification (DOCSIS) 3.X upstream receiver return path
application. The primary interface between the amplifier and the ADC is usually an antialiasing filter to suppress
high-frequency harmonics that otherwise alias back into the ADC FFT spectrum. Filters range from single-order
real RC poles to higher-order, resistor-inductor-capacitor (RLC) filters, depending on the application
requirements. Series output resistors (RO) help isolate the amplifier from any capacitive load presented by the
filter, and can also be used to create a matched impedance to drive transmission lines.
Figure 61. DOCSIS 3.X Driver with the ADS54J40 and a 300-MHz, 4th-Order, Butterworth, Low-Pass Filter
10.2.1.1 Design Requirements
Table 12 shows example design requirements for the LMH2832 in an upstream receiver application.
Table 12. Example Design Requirements
SPECIFICATION
DESIGN REQUIREMENTS
Supply voltage
4.75 to 5.25 V
Usable input frequency range
300 MHz
System voltage gain and range
33-dB voltage gain with 30-dB range
Source impedance
75 Ω, single-ended
Signal path SNR at 175 MHz (measured at ADC)
> 50 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com