Electronic Components Datasheet Search
  English  ▼

X  

LMP8646 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMP8646
Description  LMP8646 Precision Current Limiter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8646 Datasheet(HTML) 2 Page - Texas Instruments

  LMP8646 Datasheet HTML 1Page - Texas Instruments LMP8646 Datasheet HTML 2Page - Texas Instruments LMP8646 Datasheet HTML 3Page - Texas Instruments LMP8646 Datasheet HTML 4Page - Texas Instruments LMP8646 Datasheet HTML 5Page - Texas Instruments LMP8646 Datasheet HTML 6Page - Texas Instruments LMP8646 Datasheet HTML 7Page - Texas Instruments LMP8646 Datasheet HTML 8Page - Texas Instruments LMP8646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
LMP8646
SNOSC63B – FEBRUARY 2012 – REVISED DECEMBER 2014
www.ti.com
Product Folder Links: LMP8646
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics: 2.7 V ................................ 5
6.6
Electrical Characteristics: 5 V ................................... 6
6.7
Electrical Characteristics: 12 V ................................. 7
6.8
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 13
7.1
Overview ................................................................. 13
7.2
Functional Block Diagram ....................................... 13
7.3
Feature Description................................................. 13
7.4
Device Functional Modes........................................ 15
8
Application and Implementation ........................ 17
8.1
Application Information............................................ 17
8.2
Typical Applications ................................................ 17
9
Power Supply Recommendations ...................... 23
10
Layout................................................................... 23
10.1
Layout Guidelines ................................................. 23
10.2
Layout Example .................................................... 23
11
Device and Documentation Support ................. 24
11.1
Trademarks ........................................................... 24
11.2
Electrostatic Discharge Caution ............................ 24
11.3
Glossary ................................................................ 24
12
Mechanical, Packaging, and Orderable
Information ........................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (March 2013) to Revision B
Page
•
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
Changes from Original (March 2013) to Revision A
Page
•
Changed layout of National Semiconductor Data Sheet to TI format .................................................................................. 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com