Electronic Components Datasheet Search
  English  ▼

X  

LMP8646 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP8646
Description  LMP8646 Precision Current Limiter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8646 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP8646 Datasheet HTML 7Page - Texas Instruments LMP8646 Datasheet HTML 8Page - Texas Instruments LMP8646 Datasheet HTML 9Page - Texas Instruments LMP8646 Datasheet HTML 10Page - Texas Instruments LMP8646 Datasheet HTML 11Page - Texas Instruments LMP8646 Datasheet HTML 12Page - Texas Instruments LMP8646 Datasheet HTML 13Page - Texas Instruments LMP8646 Datasheet HTML 14Page - Texas Instruments LMP8646 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TIME (5 s/DIV)
VSENSE
Rg = 50k
Rg = 25k
Rg = 10k
TIME (0.2 ms/DIV)
VOUT
VCM
TIME (100 s/DIV)
VSENSE
Rg = 50k
Rg = 25k
Rg = 10k
TIME (5 s/DIV)
VSENSE
Rg = 50k
Rg = 25k
Rg = 10k
TIME (20 s/DIV)
VSENSE
Rg = 50k
Rg = 25k
Rg = 10k
TIME (100 s/DIV)
VSENSE
Rg = 50k
Rg = 25k
Rg = 10k
11
LMP8646
www.ti.com
SNOSC63B – FEBRUARY 2012 – REVISED DECEMBER 2014
Product Folder Links: LMP8646
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VS= V
+ - V-, V
SENSE= +IN - (-IN), RL = 10 kΩ.
Figure 19. Small Step Response at BW = 35 kHz
Figure 20. Settling Time (Rise) at 1 kHz
Figure 21. Settling Time (Fall) at 1 kHz
Figure 22. Settling Time (Rise) at 35 kHz
Figure 23. Settling Time (Fall) at 35 kHz
Figure 24. Common-Mode Step Response (Rise) at 35 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com