Electronic Components Datasheet Search
  English  ▼

X  

LMP8646 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMP8646
Description  LMP8646 Precision Current Limiter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8646 Datasheet(HTML) 3 Page - Texas Instruments

  LMP8646 Datasheet HTML 1Page - Texas Instruments LMP8646 Datasheet HTML 2Page - Texas Instruments LMP8646 Datasheet HTML 3Page - Texas Instruments LMP8646 Datasheet HTML 4Page - Texas Instruments LMP8646 Datasheet HTML 5Page - Texas Instruments LMP8646 Datasheet HTML 6Page - Texas Instruments LMP8646 Datasheet HTML 7Page - Texas Instruments LMP8646 Datasheet HTML 8Page - Texas Instruments LMP8646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
6
5
4
1
2
3
VOUT
V
-
+IN
-IN
RG
V
+
LMP8646
3
LMP8646
www.ti.com
SNOSC63B – FEBRUARY 2012 – REVISED DECEMBER 2014
Product Folder Links: LMP8646
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
5 Pin Configuration and Functions
DDC Package
6-Pin SOT
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
VOUT
1
Single-Ended Output Voltage
V-
2
Negative Supply Voltage. This pin should be connected to ground.
+IN
3
Positive Input
-IN
4
Negative Input
RG
5
External Gain Resistor. An external capacitance (CG) may be added in parallel with RG to limit the bandwidth.
V+
6
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com