Electronic Components Datasheet Search
  English  ▼

X  

LMP8646 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMP8646
Description  LMP8646 Precision Current Limiter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8646 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP8646 Datasheet HTML 9Page - Texas Instruments LMP8646 Datasheet HTML 10Page - Texas Instruments LMP8646 Datasheet HTML 11Page - Texas Instruments LMP8646 Datasheet HTML 12Page - Texas Instruments LMP8646 Datasheet HTML 13Page - Texas Instruments LMP8646 Datasheet HTML 14Page - Texas Instruments LMP8646 Datasheet HTML 15Page - Texas Instruments LMP8646 Datasheet HTML 16Page - Texas Instruments LMP8646 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
+IN
-IN
V
+
V
-
RG
LMP8646
RIN
RIN
+
-
+
VOUT
13
LMP8646
www.ti.com
SNOSC63B – FEBRUARY 2012 – REVISED DECEMBER 2014
Product Folder Links: LMP8646
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LMP8646 is a single-supply precision current limiter with variable gain selected through an external resistor
(RG) and a variable bandwidth selected through an external capacitor (CG) in parallel with RG. Its common-mode
of operation is –2 V to 76 V, and the LMP8646 has an buffered output to provide a low-output impedance. More
details of the LMP8646's functional description can be seen in the following subsections.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Theory of Operation
As seen from Figure 26, the sense current flowing through RSENSE develops a voltage drop equal to VSENSE. The
high impedance inputs of the amplifier does not conduct this current and the high open-loop gain of the sense
amplifier forces its noninverting input to the same voltage as the inverting input. In this way the voltage drop
across
RIN
matches
VSENSE.
The
current
IIN
flowing
through
RIN
has
the
following
equation:
IIN = VSENSE/ RIN = RSENSE*ISENSE/RIN
where
•
RIN = 1/Gm = 1/(200 µA/V) = 5 kOhm
(1)
IIN flows entirely across the external gain resistor RG to develop a voltage drop equal to:
VRG = IIN*RG = (VSENSE/RIN) *RG = [(RSENSE*ISENSE) / RIN]*RG
(2)
This voltage is buffered and showed at the output with a very low impedance allowing a very easy interface of
the LMP8646 with the feedback of many voltage regulators. This output voltage has the following equation:
VOUT = VRG = [(RSENSE*ISENSE) / RIN]*RG
(3)
VOUT = VSENSE* RG/RIN
(4)
VOUT = VSENSE* RG/(5 kOhm)
(5)
VOUT = VSENSE* Gain
where
•
Gain = RG/RIN
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com