Electronic Components Datasheet Search
  English  ▼

X  

LMP8646 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMP8646
Description  LMP8646 Precision Current Limiter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8646 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP8646 Datasheet HTML 4Page - Texas Instruments LMP8646 Datasheet HTML 5Page - Texas Instruments LMP8646 Datasheet HTML 6Page - Texas Instruments LMP8646 Datasheet HTML 7Page - Texas Instruments LMP8646 Datasheet HTML 8Page - Texas Instruments LMP8646 Datasheet HTML 9Page - Texas Instruments LMP8646 Datasheet HTML 10Page - Texas Instruments LMP8646 Datasheet HTML 11Page - Texas Instruments LMP8646 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
40 44 48 52 56 60 64 68 72 76
-135
-132
-129
-126
-123
-120
-117
-114
-111
-108
-105
VCM (V)
Vs = 5V
Vs = 12V
10
100
1k
10k
100k
1M
-45
-38
-31
-24
-17
-10
-3
4
11
18
25
FREQUENCY (Hz)
Rg = 50k
Rg = 25k
Rg = 10k
FREQUENCY (Hz)
100
80
60
40
20
1
10
100
1k
10k
100k
VCM = 5V, Rg = 10 k:
FREQUENCY (Hz)
110
90
70
50
30
10
VS = 5V, Rg = 10 kÖ
100k
1M
10k
1k
100
10
1
3
4
5
6
7
8
9 10 11 12 13
240
456
672
888
1104
1320
1536
1752
1968
2184
2400
VS (V)
-40°C VCM = 2V
25°C
125°C
-40°C VCM = -2V
25°C
125°C
-3
-1
1
3
5
7
9
11
13
0
350
700
1050
1400
1750
2100
2450
2800
3150
3500
VCM (V)
3V
5V
12V
8
LMP8646
SNOSC63B – FEBRUARY 2012 – REVISED DECEMBER 2014
www.ti.com
Product Folder Links: LMP8646
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
6.8 Typical Characteristics
Unless otherwise specified: TA = 25°C, VS= V
+ - V-, V
SENSE= +IN - (-IN), RL = 10 kΩ.
Figure 1. Supply Curent vs. Supply Voltage for VCM = 2 V
Figure 2. Supply Current vs. VCM
Figure 3. AC PSRR vs. Frequency
Figure 4. AC CMRR vs. Frequency
Figure 5. CMRR vs. High VCM
Figure 6. Gain vs. Frequency (BW = 1kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com