Electronic Components Datasheet Search
  English  ▼

X  

LMP8646 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMP8646
Description  LMP8646 Precision Current Limiter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8646 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP8646 Datasheet HTML 5Page - Texas Instruments LMP8646 Datasheet HTML 6Page - Texas Instruments LMP8646 Datasheet HTML 7Page - Texas Instruments LMP8646 Datasheet HTML 8Page - Texas Instruments LMP8646 Datasheet HTML 9Page - Texas Instruments LMP8646 Datasheet HTML 10Page - Texas Instruments LMP8646 Datasheet HTML 11Page - Texas Instruments LMP8646 Datasheet HTML 12Page - Texas Instruments LMP8646 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
0
2
4
6
8
10
12
14
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
GAIN
Vcm = 0V
Vcm = 5V
Vcm = 12V
0
2
4
6
8
10
12
14
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
GAIN
Vcm = 0V
Vcm = 5V, 12V
-2
8
18
28
38
48
58
68
78
-0.240
-0.192
-0.144
-0.096
-0.048
0.000
0.048
0.096
0.144
0.192
0.240
VCM (V)
Vs = 5V
Vs = 12V
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
VSENSE (V)
RG = 10k
RG = 25k
RG = 50k
10
100
1k
10k
100k
1M
-28
-18
-8
2
12
22
FREQUENCY (Hz)
Rg = 50k
Rg = 25k
Rg = 10k
-2
6 14 22 30 38 46 54 62 70 78
-0.240
-0.192
-0.144
-0.096
-0.048
0.000
0.048
0.096
0.144
0.192
0.240
VCM (V)
Vs = 2.7V
Vs = 3.3V
9
LMP8646
www.ti.com
SNOSC63B – FEBRUARY 2012 – REVISED DECEMBER 2014
Product Folder Links: LMP8646
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VS= V
+ - V-, V
SENSE= +IN - (-IN), RL = 10 kΩ.
Figure 7. Gain vs. Frequency (BW = 35 kHz)
Figure 8. Gain Accuracy vs. VCM
Figure 9. Gain Accuracy vs. VCM
Figure 10. VOUT vs. VSENSE
Figure 11. VOUT_MAX vs. Gain at Vs = 2.7 V
Figure 12. VOUT_MAX vs. Gain at Vs = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com