Electronic Components Datasheet Search
  English  ▼

X  

LMP8646 Datasheet(PDF) 21 Page - Texas Instruments

Part # LMP8646
Description  LMP8646 Precision Current Limiter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8646 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP8646 Datasheet HTML 17Page - Texas Instruments LMP8646 Datasheet HTML 18Page - Texas Instruments LMP8646 Datasheet HTML 19Page - Texas Instruments LMP8646 Datasheet HTML 20Page - Texas Instruments LMP8646 Datasheet HTML 21Page - Texas Instruments LMP8646 Datasheet HTML 22Page - Texas Instruments LMP8646 Datasheet HTML 23Page - Texas Instruments LMP8646 Datasheet HTML 24Page - Texas Instruments LMP8646 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
EN
R3
51.1 k:
VIN = 5V
LP38501
C3
10 PF
VOUT
CV+
1 PF
& 10 PF
5V
+IN
-IN
RSENSE
58 m:
LMP8646
C1
10 PF
ADJ
0.6V
RG
51.7 k:
CG
10 nF
ROUT
50:
RFBT
19.1 k:
RFBB
6.04 k:
RLOAD
2 :
RG
V+
V-
IN
OUT
ENABLE
ILIMIT =
ICLOSE_LOOP = 1A
VCLOSE_LOOP = 2 V
-0.030 -0.018 -0.006 0.006 0.018 0.030
0.00
0.22
0.44
0.66
0.88
1.10
1.32
1.54
1.76
1.98
2.20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TIME (s)
I_limit
Vclose_loop
21
LMP8646
www.ti.com
SNOSC63B – FEBRUARY 2012 – REVISED DECEMBER 2014
Product Folder Links: LMP8646
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Typical Applications (continued)
8.2.2.3 Application Curve
Figure 31. Plot for the Resistive Load Application With LMZ12003 Regulator Plot
8.2.3 Application #3: Current Limiter With a Low-Dropout Regulator and Resistive Load
Figure 32. Resistive Load Application With LP38501 Regulator
8.2.3.1 Design Requirements
This next example is the same as the last example, except that the regulator is now a low-dropout regulator, the
LP38501, as seen in Figure 32. For this example, we will let the open-loop current to be 1.25A and the close-
loop current, ILIMIT, to be 1A.
8.2.3.2 Detailed Design Procedure
Step 1: Choose the components for the Regulator.
Refer to the LP38501 application note (AN-1830) to select the appropriate components for the LP38501.
Step 2: Choose the sense resistor, RSENSE
RSENSE sets the voltage VSENSE between +IN and -IN and has the following equation:
RSENSE = VOUT / [(ILIMIT) * (RG / 5kOhm)]
(18)
In general, RSENSE depends on the output voltage, limit current, and gain. Refer to section Selection of the Sense
Resistor, RSENSE to choose the appropriate RSENSE value; this example uses 58 mOhm.
Step 3: Choose the gain resistor, RG, for LMP8646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com