Electronic Components Datasheet Search
  English  ▼

X  

LMP8646 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMP8646
Description  LMP8646 Precision Current Limiter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8646 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP8646 Datasheet HTML 3Page - Texas Instruments LMP8646 Datasheet HTML 4Page - Texas Instruments LMP8646 Datasheet HTML 5Page - Texas Instruments LMP8646 Datasheet HTML 6Page - Texas Instruments LMP8646 Datasheet HTML 7Page - Texas Instruments LMP8646 Datasheet HTML 8Page - Texas Instruments LMP8646 Datasheet HTML 9Page - Texas Instruments LMP8646 Datasheet HTML 10Page - Texas Instruments LMP8646 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
LMP8646
www.ti.com
SNOSC63B – FEBRUARY 2012 – REVISED DECEMBER 2014
Product Folder Links: LMP8646
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No assurance of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
All limits are specified by testing, design, or statistical analysis.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not specified on shipped production
material.
(4)
Offset voltage temperature drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
(5)
This parameter is specified by design and/or characterization and is not tested in production.
(6)
Positive Bias Current corresponds to current flowing into the device.
(7)
The number specified is the average of rising and falling slew rates and measured at 90% to 10%.
6.7 Electrical Characteristics: 12 V
Unless otherwise specified, all limits ensured for at TA = 25°C, VS= V
+ - V-, V+ = 12 V, V− = 0 V, −2 V < V
CM < 76 V, Rg= 25
k
Ω, RL = 10 kΩ.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
VOFFSET
Input Offset Voltage
VCM = 2.1 V
–1
1
mV
VCM = 2.1 V, –40°C ≤ TJ ≤ 125°C
–1.7
1.7
TCVOS
Input Offset Voltage Drift(4)(5)
VCM = 2.1 V
7
μV/°C
IB
Input Bias Current(6)
VCM = 2.1 V
13
23
μA
eni
Input Voltage Noise(5)
f > 10 kHz, RG = 5 kΩ
120
nV/
√Hz
VSENSE(MAX)
Max Input Sense Voltage(5)
VCM =12 V, RG = 5 kΩ
600
mV
Gain AV
Adjustable Gain Setting(5)
VCM = 12 V
1
100
V/V
Gm
Transconductance = 1/RIN
VCM = 2.1 V
200
µA/V
Accuracy
VCM = 2.1 V
–2%
2%
VCM = 2.1 V, –40°C ≤ TJ ≤ 125°C
–3.4%
3.4%
Gm drift(5)
−40°C to 125°C, VCM =2.1 V
140 ppm /°C
PSRR
Power Supply Rejection Ratio
VCM = 2.1 V, 2.7 V < V
+ < 12 V
85
dB
CMRR
Common-Mode Rejection Ratio
2.1 V < VCM < 76 V
95
dB
–2 V < VCM < 2.1 V
55
SR
Slew Rate(7)(5)
VCM = 5 V, CG = 4 pF, VSENSE from 100 mV
to 500 mV, CL = 30 pF, RL=1 MΩ
0.6
V/µs
IS
Supply Current
VCM = 2.1 V
555
845
uA
VCM = 2.1 V, –40°C ≤ TJ ≤ 125°C
1123
VCM = –2 V
2200
2900
CM = –2 V, –40°C ≤ TJ ≤ 125°C
3110
VOUT
Maximum Output Voltage
VCM = 12 V, RG= 500 kΩ,
10
V
Minimum Output Voltage
VCM = 2.1 V
24
mV
IOUT
Output current(5)
Sourcing, VOUT= 5.25 V, RG = 150 kΩ
5
mA
CLOAD
Max Output Capacitance Load(5)
30
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com