Electronic Components Datasheet Search
  English  ▼

X  

LMP8646 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMP8646
Description  LMP8646 Precision Current Limiter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8646 Datasheet(HTML) 1 Page - Texas Instruments

  LMP8646 Datasheet HTML 1Page - Texas Instruments LMP8646 Datasheet HTML 2Page - Texas Instruments LMP8646 Datasheet HTML 3Page - Texas Instruments LMP8646 Datasheet HTML 4Page - Texas Instruments LMP8646 Datasheet HTML 5Page - Texas Instruments LMP8646 Datasheet HTML 6Page - Texas Instruments LMP8646 Datasheet HTML 7Page - Texas Instruments LMP8646 Datasheet HTML 8Page - Texas Instruments LMP8646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
-
RON
RON
CSS
VIN
LM3102
COUT
LOUT
V+
FB
RG
CG
VOUT
ROUT
RFBT
RFBB
V
+
+IN
-IN
RSENSE
LMP8646
VCC
ILIMIT
CIN
CIN
CBST
BST
SW
VIN
SS
V
-
SUPER-
CAP
VO_LOAD
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMP8646
SNOSC63B – FEBRUARY 2012 – REVISED DECEMBER 2014
LMP8646 Precision Current Limiter
1
1 Features
1
•
Provides Circuit Protection and Current Limiting
•
Single Supply Operation
•
–2-V to 76-V Common-Mode Voltage Range
•
Variable Gain Set by External Resistor
•
Adjustable Bandwidth Set by External Capacitor
•
Buffered Output
•
3% Output Accuracy Achievable at VSENSE = 100
mV
•
Key Specifications:
–
Supply Voltage Range 2.7 V to 12 V
–
Output Current (Source) 0 to 5 mA
–
Gain Accuracy 2.0% (max)
–
Transconductance 200 μA/V
–
Offset ±1 mV (Maximum)
–
Quiescent Current 380 μA
–
Input Bias 12 μA (Typical)
–
PSRR 85 dB
–
CMRR 95 dB
–
Temperature Range
−40°C to 125°C
–
6-Pin SOT Package
2 Applications
•
High-Side and Low-Side Current Limit
•
Circuit Fault Protection
•
Battery and Supercap Charging
•
LED Constant Current Drive
•
Power Management
3 Description
The LMP8646 is a precision current limiter used to
improve the current limit accuracy of any switching or
linear regulator with an available feedback node.
The LMP8646 accepts input signals with a common-
mode voltage ranging from –2 V to 76 V. It has a
variable gain which is used to adjust the sense
current. The gain is configured with a single external
resistor, RG, providing a high level of flexibility and
accuracy up to 2%. The adjustable bandwidth, which
allows the device to be used with a variety of
applications, is configurable with a single external
capacitor in parallel with RG. In addition, the output is
buffered in order to provide a low output impedance.
The LMP8646 is an ideal choice for industrial,
automotive,
telecommunications,
and
consumer
applications where circuit protection and improved
precision systems are required. The LMP8646 is
available in a 6-pin SOT package and can operate at
temperature range of
−40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMP8646
SOT (6)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application


Similar Part No. - LMP8646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8646 TI1-LMP8646 Datasheet
492Kb / 23P
Precision Current Limiter
LMP8646MK TI1-LMP8646MK Datasheet
492Kb / 23P
Precision Current Limiter
LMP8646MK TI1-LMP8646MK Datasheet
1Mb / 31P
Precision Current Limiter
LMP8646MK/NOPB TI1-LMP8646MK/NOPB Datasheet
1Mb / 31P
Precision Current Limiter
LMP8646MKE TI1-LMP8646MKE Datasheet
492Kb / 23P
Precision Current Limiter
More results

Similar Description - LMP8646

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9700 STMICROELECTRONICS-L9700 Datasheet
97Kb / 7P
HEX PRECISION LIMITER
Nov-1990
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
AC INRUSH CURRENT LIMITER
06-Dec-2005
logo
Texas Instruments
LMP8646 TI1-LMP8646 Datasheet
492Kb / 23P
Precision Current Limiter
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
logo
Texas Instruments
AN-2219 TI-AN-2219 Datasheet
44Kb / 4P
AN-2219 Precision Current Limiting with the LMP8646 and LP38501
logo
STMicroelectronics
L9700D013TR STMICROELECTRONICS-L9700D013TR Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
logo
Texas Instruments
LMP8646 TI-LMP8646_15 Datasheet
1Mb / 31P
LMP8646 Precision Current Limiter
LMP8646 TI1-LMP8646_14 Datasheet
1Mb / 31P
Precision Current Limiter
logo
STMicroelectronics
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
NTC Inrush Current Limiter
10/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com