Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP8556
Description  LP8556 High-Efficiency LED Backlight Driver For Tablets
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8556 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 11Page - Texas Instruments LP8556 Datasheet HTML 12Page - Texas Instruments LP8556 Datasheet HTML 13Page - Texas Instruments LP8556 Datasheet HTML 14Page - Texas Instruments LP8556 Datasheet HTML 15Page - Texas Instruments LP8556 Datasheet HTML 16Page - Texas Instruments LP8556 Datasheet HTML 17Page - Texas Instruments LP8556 Datasheet HTML 18Page - Texas Instruments LP8556 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
Duty cycle D = 1 - VIN / VOUT
tSW = 1/fSW
Slew rate control,
programmable
Spread spectrum scheme,
programmable pseudo
random duty cycle changes
minimize EMI
15
LP8556
www.ti.com
SNVS871M – JULY 2012 – REVISED JUNE 2020
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2020, Texas Instruments Incorporated
8.3.1.4 EMI Reduction
The LP8556 device features two EMI reduction schemes.
The first scheme, Programmable Slew Rate Control, uses a combination of three drivers for boost switch.
Enabling all three drivers allows boost switch on/off transition times to be the shortest. On the other hand,
enabling just one driver allows boost switch on/off transition times to be the longest. The longer the transition
times, the lower the switching noise on the SW pin. Note that the shortest transition times bring the best
efficiency as the switching losses are the lowest.
EN_DRV2 and EN_DRV3 bits in the EPROM determine the boost switch driver configuration. Refer to the SW
pin slew rate parameter listed under Electrical Characteristics — Boost Converter for the slew rate options.
The second EMI reduction scheme is the spread spectrum. This scheme deliberately spreads the frequency
content of the boost switching waveform, which inherently has a narrow bandwidth, makes the bandwidth of the
switching waveform wider, and ultimately reduces its EMI spectral density.
Figure 6. Principles of EMI Reduction Scheme
8.3.2 Brightness Control
LP8556 enables various methods of brightness control. The brightness can be controlled using an external PWM
signal or the Brightness register accessible by users via an I2C interface or both. How these two input sources
are selected and combined is set by the BRT_MODE EPROM bits and described in BRT_MODE = 00 through
BRT_MODE = 11, Figure 7, and Table 2. The LP8556 can also be preconfigured via EPROM memory to allow
direct and unaltered brightness control by an external PWM signal. This mode of operation is obtained by setting
PWM_DIRECT EPROM bit to 1 (CFG5[7] = 1).
8.3.2.1 BRT_MODE = 00
With BRT_MODE = 00, the LED output is controlled by the PWM input duty cycle. The PWM detector block
measures the duty cycle at the PWM pin and uses this 16-bit value to generate an internal to the device PWM
data. Before the output is generated, the PWM data goes through the PWM curve-shaper block. Then, the data
goes into the adaptive dimming function which determines the range of the PWM and Current control as
described in Output Dimming Schemes. The outcome of the adaptive dimming function is 12-bit current and/or
up to 6 PWM output signals. The current is then passed through the non-linear compensation block while the
output PWM signals are channeled through the dither block.
8.3.2.2 BRT_MODE = 01
With BRT_MODE = 01, the PWM output is controlled by the PWM input duty cycle and the Brightness register.
The PWM detector block measures the duty cycle at the PWM pin and uses this 16-bit value to generate the
PWM data. Before the output is generated, the PWM data is first multiplied with BRT[7:0] register, then it goes
through the PWM Curve Shaper block. Then, the data goes into the Adaptive Dimming function which
determines the range of the PWM and Current control as described in Output Dimming Schemes. The outcome
of the Adaptive Dimming function is 12-bit current and/or up to 6 PWM output signals. The current is then passed
through the non-linear compensation block while the output PWM signals are channeled through the Dither
block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com