Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 19 Page - Texas Instruments

Part # LP8556
Description  LP8556 High-Efficiency LED Backlight Driver For Tablets
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8556 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 15Page - Texas Instruments LP8556 Datasheet HTML 16Page - Texas Instruments LP8556 Datasheet HTML 17Page - Texas Instruments LP8556 Datasheet HTML 18Page - Texas Instruments LP8556 Datasheet HTML 19Page - Texas Instruments LP8556 Datasheet HTML 20Page - Texas Instruments LP8556 Datasheet HTML 21Page - Texas Instruments LP8556 Datasheet HTML 22Page - Texas Instruments LP8556 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
PWM CONTROL
CURRENT CONTROL
25%
100%
Max current is set with CURRENT and CURRENT_MAX EPROM bits
or CURRENT and CURRENT_MAX EPROM bits and RISET resistor
25%
50%
100%
PWM & CURRENT CONTROL with Switch Point at 25% of ILED_MAX
(PWM_TO_I_THRESHOLD = 0111b)
BRIGHTNESS
50%
19
LP8556
www.ti.com
SNVS871M – JULY 2012 – REVISED JUNE 2020
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2020, Texas Instruments Incorporated
(1)
See CFG0.
8.3.2.5.3
Adaptive Control
Adaptive dimming control combines PWM Control and Pure Current Control dimming methods. With the adaptive
dimming, it is possible to achieve better optical efficiency from the LEDs compared to pure PWM control while
still achieving smooth and accurate control at low brightness levels. Current resolution in this mode is 12 bits.
Switch point from Current to PWM control can be set with the PWM_TO_I_THRESHOLD EPROM field from 0%
to 100% of the brightness range to get good compromise between good matching of the LEDs brightness/white
point at low brightness and good optical efficiency.
PWM frequency is set either using an external set Resistor (RFSET) or using the PWM_FREQ EPROM bits. The
maximum LED current is set either by using an external set Resistor (RISET), CURRENT, and CURRENT_MAX
EPROM bits. Or the maximum LED current may be set using the CURRENT and CURRENT_MAX EPROM bits.
Figure 10. Adaptive Output Dimming Scheme
8.3.2.6 Setting Full-Scale LED Current
The maximum or full-scale LED current is set either using an external set Resistor (RISET), CURRENT, and
CURRENT_MAX EPROM bits or just by using the CURRENT and CURRENT_MAX EPROM bits. Table 3
summarizes setting of the full-scale LED current.
Table 3. Setting Full-Scale LED Current
RISET [Ω]
ISET_EN
CURRENT_MAX
CURRENT[11:0]
FULL-SCALE ILED [mA]
don't care
0
000
FFFh
5
don't care
0
001
FFFh
10
don't care
0
010
FFFh
15
don't care
0
011
FFFh
20
don't care
0
100
FFFh
23
don't care
0
101
FFFh
25
don't care
0
110
FFFh
30
don't care
0
111
FFFh
50
don't care
0
000 - 111
001h - FFFh
See(1)
24k
1
000
FFFh
5
24k
1
001
FFFh
10
24k
1
010
FFFh
15
24k
1
011
FFFh
20
24k
1
100
FFFh
23
24k
1
101
FFFh
25
24k
1
110
FFFh
30
24k
1
111
FFFh
50
12k - 100k
1
000 - 111
001h - FFFh
See(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com