Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP8556
Description  LP8556 High-Efficiency LED Backlight Driver For Tablets
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8556 Datasheet(HTML) 1 Page - Texas Instruments

  LP8556 Datasheet HTML 1Page - Texas Instruments LP8556 Datasheet HTML 2Page - Texas Instruments LP8556 Datasheet HTML 3Page - Texas Instruments LP8556 Datasheet HTML 4Page - Texas Instruments LP8556 Datasheet HTML 5Page - Texas Instruments LP8556 Datasheet HTML 6Page - Texas Instruments LP8556 Datasheet HTML 7Page - Texas Instruments LP8556 Datasheet HTML 8Page - Texas Instruments LP8556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
VIN
LP8556
MCU
VBOOST
SW
1.1 ” 9OUT / VIN ” 15
L1
D1
VDD
CIN
COUT
LED1
LED2
LED3
LED4
LED5
LED6
GNDs
PWM
SDA
SCL
ISET
FSET
VLDO
CVLDO
RFSET
RISET
2.7V - 20V
7V ± 43V
EN / VDDIO
EN / VDDIO
1.62V ± 3.6V
VOUT
Optional
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP8556
SNVS871M – JULY 2012 – REVISED JUNE 2020
LP8556 High-Efficiency LED Backlight Driver For Tablets
1
1 Features
1
•
High-efficiency DC/DC boost converter with
integrated 0.19-
Ω power MOSFET and three
switching frequency options: 312 kHz, 625 kHz,
and 1250 kHz
•
2.7-V to 36-V Boost switch input voltage range
supports multi-cell Li-Ion batteries
(2.7-V to 20-V VDD input range)
•
7-V to 43-V Boost switch output voltage range
supports as few as 3 WLEDs in series per
channel and as many as 12
•
Configurable channel count (1 to 6)
•
Up to 50 mA per channel
•
PWM and / or I2C brightness control
•
Phase-shift PWM mode reduces audible noise
•
Adaptive dimming for higher LED drive optical
efficiency
•
Programmable edge-rate control and spread
spectrum scheme minimize switching noise and
improve EMI performance
•
LED fault (short and open) detection, UVLO, TSD,
OCP, and OVP (up to 6 threshold options)
•
Available in tiny 20-pin, 0.4-mm pitch DSBGA
package and 24-pin, 0.5-mm pitch WQFN
package
2 Applications
LED backlights for tablet LCDs
space
Simplified Schematic
3 Description
The LP8556 device is a white-LED driver featuring an
asynchronous boost converter and six high precision
current sinks that can be controlled by a PWM signal
or an I2C master.
The boost converter uses adaptive output voltage
control for setting the optimal LED driver voltages as
low as 7 V and as high as 43 V. This feature
minimizes the power consumption by adjusting the
output voltage to the lowest sufficient level under all
conditions. The converter can operate at three
switching frequencies: 312 kHz, 625 kHz, and
1250 kHz, which can be set with an external resistor
or pre-configured via EPROM. Programmable slew
rate control and spread spectrum scheme minimize
switching noise and improve EMI performance.
LED current sinks can be set with the PWM dimming
resolution of up to 15 bits. Proprietary adaptive
dimming mode allows higher system power saving. In
addition, phase shifted LED PWM dimming allows
reduced audible noise and smaller boost output
capacitors.
The LP8556 device has a full set of fault-protection
features that ensure robust operation of the device
and external components. The set consists of input
undervoltage
lockout
(UVLO),
thermal
shutdown
(TSD), overcurrent protection (OCP), up to 6 levels of
overvoltage protection (OVP), LED open and short
detection.
The LP8556 device operates over the ambient
temperature range of –30°C to +85°C. It is available
in space-saving 20-pin DSBGA and 24-pad WQFN
packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
LP8556
DSBGA (20)
2.401 mm × 1.74 mm (MAX)
WQFN (24)
4.00 mm × 4.00 mm (NOM)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - LP8556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8556 TI-LP8556 Datasheet
1Mb / 52P
High-Efficiency LED Backlight Driver for Tablets
LP8556 TI1-LP8556 Datasheet
1Mb / 63P
High-Efficiency LED Backlight Driver for Tablets
LP8556SQ-E00 TI1-LP8556SQ-E00 Datasheet
1Mb / 63P
High-Efficiency LED Backlight Driver for Tablets
LP8556SQ-E00/NOPB TI-LP8556SQ-E00/NOPB Datasheet
1Mb / 52P
High-Efficiency LED Backlight Driver for Tablets
LP8556SQ-E00/NOPB TI1-LP8556SQ-E00/NOPB Datasheet
1Mb / 63P
High-Efficiency LED Backlight Driver for Tablets
More results

Similar Description - LP8556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI-LP8556 Datasheet
1Mb / 52P
High-Efficiency LED Backlight Driver for Tablets
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
logo
Texas Instruments
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
High-Efficiency LED Backlight Driver for Tablets
LP8557 TI1-LP8557 Datasheet
1Mb / 49P
High-Efficiency LED Backlight Driver For Tablets
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
High-Efficiency LED Backlight Driver for Notebooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com