Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP8556
Description  LP8556 High-Efficiency LED Backlight Driver For Tablets
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8556 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 10Page - Texas Instruments LP8556 Datasheet HTML 11Page - Texas Instruments LP8556 Datasheet HTML 12Page - Texas Instruments LP8556 Datasheet HTML 13Page - Texas Instruments LP8556 Datasheet HTML 14Page - Texas Instruments LP8556 Datasheet HTML 15Page - Texas Instruments LP8556 Datasheet HTML 16Page - Texas Instruments LP8556 Datasheet HTML 17Page - Texas Instruments LP8556 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
Time
VBOOST
Driver
headroom
VBOOST
14
LP8556
SNVS871M – JULY 2012 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2020, Texas Instruments Incorporated
8.3.1.3 Output Voltage Control
The LP8556 device supports two modes of controlling the boost output voltage: Adaptive Boost Voltage Control
(see Adaptive Control) and Manual Boost Output Control (see Manual Control).
8.3.1.3.1
Adaptive Control
LP8556 supports a mode of output voltage control called Adaptive Boost Control mode. In this mode, the voltage
at the LED pins is periodically monitored by the control loop and adaptively adjusted to the optimum value based
on the comparator thresholds set using LED DRIVER_HEADROOM, LED_COMP_HYST, BOOST_STEP_UP,
BOOST_STEP_DOWN fields in the EPROM. Settings under LED DRIVER_HEADROOM along with
LED_COMP_HYST fields determine optimum boost voltage for a given condition. Boost voltage is raised if the
voltage measured at any of the LED strings falls below the threshold setting determined with LED
DRIVER_HEADROOM field. Likewise, boost voltage is lowered if the voltage measured at any of the LED strings
is above the combined setting determined under LED DRIVER_HEADROOM and LED_COMP_HYST fields.
LED_COMP_HYST field serves to fine tune the headroom voltage for a given peak LED current. The boost
voltage up/down step size can be controlled with the BOOST_STEP_UP and BOOST_STEP_DN fields.
The initial boost voltage is configured with the VBOOST field. This field also sets the minimum boost voltage.
The VBOOST_MAX field sets the maximum boost voltage. When an LED pin is open, the monitored voltage
never has enough headroom, and the adaptive mode control loop keeps raising the boost voltage. The
VBOOST_MAX field allows the boost voltage to be limited to stay under the voltage rating of the external
components.
NOTE
Only LED strings that are enabled are monitored and PS_MODE field determines which
LED strings are enabled.
The adaptive mode is selected using ADAPTIVE bit set to 1 (CFGA EPROM Register) and is the recommended
mode of boost control.
Figure 5. Boost Adaptive Control Principle
8.3.1.3.2
Manual Control
User can control the boost output voltage with the VBOOST EPROM field when adaptive mode is not used.
Equation 1 shows the relationship between the boost output voltage and the VBOOST field.
VBOOST = VBOOST_MIN + 0.42 × VBOOST[dec]
(1)
The expression is only valid when the calculated values are between the minimum boost output voltage and the
maximum boost output voltage. The minimum boost output voltage is set with the VBOOST_RANGE field. The
maximum boost output voltage is set with the VBOOST_MAX EPROM field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com