Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP8556
Description  LP8556 High-Efficiency LED Backlight Driver For Tablets
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8556 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 5Page - Texas Instruments LP8556 Datasheet HTML 6Page - Texas Instruments LP8556 Datasheet HTML 7Page - Texas Instruments LP8556 Datasheet HTML 8Page - Texas Instruments LP8556 Datasheet HTML 9Page - Texas Instruments LP8556 Datasheet HTML 10Page - Texas Instruments LP8556 Datasheet HTML 11Page - Texas Instruments LP8556 Datasheet HTML 12Page - Texas Instruments LP8556 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
9
LP8556
www.ti.com
SNVS871M – JULY 2012 – REVISED JUNE 2020
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2020, Texas Instruments Incorporated
(1)
Minimum (MIN) and Maximum (MAX) limits are specified by design, test, or statistical analysis. Typical numbers are not verified, but do
represent the most likely norm.
(2)
Output Current Accuracy is the difference between the actual value of the output current and programmed value of this current.
Matching is the maximum difference from the average. For the constant current sinks on the part (OUT1 to OUT6), the following are
determined: the maximum output current (MAX), the minimum output current (MIN), and the average output current of all outputs (AVG).
Two matching numbers are calculated: (MAX-AVG)/AVG and (AVG-MIN/AVG). The largest number of the two (worst case) is
considered the matching figure. The typical specification provided is the most likely norm of the matching figure for all parts. Note that
some manufacturers have different definitions in use.
(3)
Verified by design and not tested in production.
(4)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the value measured at 1 V.
7.7 Electrical Characteristics — LED Driver
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILED_LEAKAGE
Leakage current
Outputs LED1...LED6, VOUT = 48 V
0.1
1
µA
ILED_MAX
Maximum sink current
LED1...LED6
50
mA
ILED
LED current accuracy(2)
Output current set to 23 mA
–3%
1%
3%
Output current set to 23 mA,
–30°C
≤ TA ≤ 85°C
–4%
1%
4%
IMATCH
Matching
Output current set to 23 mA
0.5%
PWMDUTY
LED PWM output pulse duty
cycle(3)
100 Hz < fPWM ≤ 200 Hz
0.02%
100%
200 Hz < fPWM ≤ 500 Hz
0.02%
100%
500 Hz < fPWM ≤ 1 kHz
0.02%
100%
1 kHz < fPWM ≤ 2 kHz
0.04%
100%
2 kHz < fPWM ≤ 5 kHz
0.1%
100%
5 kHz < fPWM ≤ 10 kHz
0.2%
100%
10 kHz < fPWM ≤ 20 kHz
0.4%
100%
20 kHz < fPWM ≤ 30 kHz
0.6%
100%
30 kHz < fPWM ≤ 39 kHz
0.8%
100%
fLED
PWM output frequency
PWM_FREQ = 1111
38.5
kHz
VSAT
Saturation voltage(4)
Output current set to 23 mA
200
mV
(1)
Minimum (MIN) and Maximum (MAX) limits are specified by design, test, or statistical analysis. Typical numbers are for information only.
(2)
Verified by design and not tested in production.
7.8 Electrical Characteristics — PWM Interface
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fPWM
PWM frequency range(2)
75
25 000
Hz
tMIN_ON
Minimum pulse ON time
1
μs
tMIN_OFF
Minimum pulse OFF time
1
tSTARTUP
Turnon delay from standby to
backlight on
PWM input active, VDDIO pin transitions
from 0 V to 1.8 V
10
ms
tSTBY
Turnoff delay
PWM input low time for turnoff
50
ms
PWMRES
PWM input resolution
ƒIN < 9 kHz
10
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com