Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 18 Page - Texas Instruments

Part # LP8556
Description  LP8556 High-Efficiency LED Backlight Driver For Tablets
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8556 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 14Page - Texas Instruments LP8556 Datasheet HTML 15Page - Texas Instruments LP8556 Datasheet HTML 16Page - Texas Instruments LP8556 Datasheet HTML 17Page - Texas Instruments LP8556 Datasheet HTML 18Page - Texas Instruments LP8556 Datasheet HTML 19Page - Texas Instruments LP8556 Datasheet HTML 20Page - Texas Instruments LP8556 Datasheet HTML 21Page - Texas Instruments LP8556 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
25%
100%
Max current is set with CURRENT and CURRENT_MAX EPROM bits
or CURRENT and CURRENT_MAX EPROM bits and RISET resistor
25%
50%
100%
PURE CURRENT CONTROL
(PWM_TO_I_THRESHOLD = 0000b)
BRIGHTNESS
50%
25%
50%
100%
PWM CONTROL
(PWM_TO_I_THRESHOLD = 1111b)
BRIGHTNESS
Max current is set with CURRENT and CURRENT_MAX EPROM bits
or CURRENT and CURRENT_MAX EPROM bits and RISET resistor
100%
18
LP8556
SNVS871M – JULY 2012 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2020, Texas Instruments Incorporated
8.3.2.5 Output Dimming Schemes
The LP8556 device supports three types of output dimming control methods: PWM Control, Pure Current Control
and Adaptive Dimming (Hybrid PWM and Current) Control.
8.3.2.5.1
PWM Control
PWM control is the traditional way of controlling the brightness using PWM of the outputs with the same LED
current across the entire brightness range. Brightness control is achieved by varying the duty cycle proportional
to the input PWM. PWM frequency is set either using an external set fesistor (RFSET) or using the PWM_FREQ
EPROM field. The maximum LED current is set by using an external set Resistor (RISET), CURRENT, and
CURRENT_MAX EPROM bits. PWM frequency can also be set by simply using the CURRENT and
CURRENT_MAX EPROM bits.
NOTE
The output PWM signal is de-coupled and generated independent of the input PWM signal
eliminating display flicker issues and allowing better noise immunity.
Figure 8. PWM Only Output Dimming Scheme
8.3.2.5.2
Pure Current Control
In Pure Current Control mode, brightness control is achieved by changing the LED current proportionately from
maximum value to a minimum value across the entire brightness range. Like in PWM Control mode, the
maximum LED current is set by using an external set Resistor (RISET), CURRENT, and CURRENT_MAX EPROM
bits. The maximum LED current can also be set by just using the CURRENT and CURRENT_MAX EPROM bits.
Current resolution in this mode is 12 bits.
Figure 9. Pure Current or Analog Output Dimming Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com