Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 44 Page - Texas Instruments

Part # LP8556
Description  LP8556 High-Efficiency LED Backlight Driver For Tablets
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8556 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 40Page - Texas Instruments LP8556 Datasheet HTML 41Page - Texas Instruments LP8556 Datasheet HTML 42Page - Texas Instruments LP8556 Datasheet HTML 43Page - Texas Instruments LP8556 Datasheet HTML 44Page - Texas Instruments LP8556 Datasheet HTML 45Page - Texas Instruments LP8556 Datasheet HTML 46Page - Texas Instruments LP8556 Datasheet HTML 47Page - Texas Instruments LP8556 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
44
LP8556
SNVS871M – JULY 2012 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2020, Texas Instruments Incorporated
8.6.2.16 CFGE
Address AEh
CFGE REGISTER
7
6
5
4
3
2
1
0
STEP_UP[1:0]
STEP_DN[1:0]
LED_FAULT_TH[2:0]
LED_COMP_HYST[1:0]
NAME
BIT
ACCESS
DESCRIPTION
STEP_UP
7:6
R/W
Adaptive headroom UP step size
00 = 105 mV
01 = 210 mV
10 = 420 mV
11 = 840 mV
STEP_DN
5:4
R/W
Adaptive headroom DOWN step size
00 = 105 mV
01 = 210 mV
10 = 420 mV
11 = 840 mV
LED_FAULT_TH
3:2
R/W
LED headroom fault threshold. This sets the HIGH comparator threshold.
00 = 5 V
01 = 4 V
10 = 3 V
11 = 2 V
LED_COMP_HYST
1:0
R/W
LED headrom comparison hysteresis. This sets the MID comparator threshold.
00 = DRIVER_HEADROOM + 1000 mV
01 = DRIVER_HEADROOM + 750 mV
10 = DRIVER_HEADROOM + 500 mV
11 = DRIVER_HEADROOM + 250 mV
8.6.2.17 CFGF
Address AFh
CFGF REGISTER
7
6
5
4
3
2
1
0
REVISION
NAME
BIT
ACCESS
DESCRIPTION
REV
7:0
R/W
EPROM Settings Revision ID code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com