Electronic Components Datasheet Search
  English  ▼

X  

LP8556 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP8556
Description  LP8556 High-Efficiency LED Backlight Driver For Tablets
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8556 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 3Page - Texas Instruments LP8556 Datasheet HTML 4Page - Texas Instruments LP8556 Datasheet HTML 5Page - Texas Instruments LP8556 Datasheet HTML 6Page - Texas Instruments LP8556 Datasheet HTML 7Page - Texas Instruments LP8556 Datasheet HTML 8Page - Texas Instruments LP8556 Datasheet HTML 9Page - Texas Instruments LP8556 Datasheet HTML 10Page - Texas Instruments LP8556 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
7
LP8556
www.ti.com
SNVS871M – JULY 2012 – REVISED JUNE 2020
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2020, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
7.4 Thermal Information
THERMAL METRIC(1)
LP8556
UNIT
YFQ (DSBGA)
RTW (WQFN)
20 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
66.2
35.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.5
32.2
°C/W
RθJB
Junction-to-board thermal resistance
15.1
13.7
°C/W
ψJT
Junction-to-top characterization parameter
1.9
0.3
°C/W
ψJB
Junction-to-board characterization parameter
15.0
13.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
3.3
°C/W
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Minimum (MIN) and Maximum (MAX) limits are verified by design, test, or statistical analysis. Typical numbers are for information only.
(3)
Verified by design and not tested in production.
7.5 Electrical Characteristics
Unless otherwise specified: VDD = 12 V, EN / VDDIO = 1.8 V, TA = 25°C
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDDIO
Supply voltage for digital I/Os
1.62
3.6
V
VDD
Input voltage for the internal LDO
2.7
20
V
IDD
Standby supply current
EN / VDDIO = 0 V, LDO disabled,
–30°C
≤ TA ≤ 85°C
1.6
μA
Normal mode supply current
LDO enabled, boost disabled
0.9
1.5
mA
LDO enabled, boost enabled, no load
2.2
3.65
fOSC
Internal oscillator frequency
accuracy
–4%
4%
–30°C
≤ TA ≤ 85°C
–7%
7%
VLDO
LDO output voltage
VDD ≥ 3.1 V
2.95
3.05
3.15
V
2.7 V
≤ VDD < 3.1 V
VDD – 0.05
TTSD
Thermal shutdown threshold
See(3)
150
°C
TTSD_hyst
Thermal shutdown hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com